Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CSS0508

  • AI
    ### Overview of CSS0508 (Current Sensing Chip Resistor) The **CSS0508** is a specific type of Surface Mount Device (SMD) resistor designed for **current sensing** applications. The "0508" designation refers to its physical dimensions (0.05 inches by 0.08 inches), notably featuring a **wide terminal** configuration. --- ### 1. Key Technical Specifications These resistors are characterized by their low resistance values and high precision. | Feature | Typical Specification | | :--- | :--- | | **Case Size** | 0508 (Metric: 1220) | | **Terminal Style** | Wide Terminal (Long-side electrodes) | | **Resistance Range** | 10mΩ to 100mΩ (Typical) | | **Power Rating** | 0.5W to 1.0W (depending on manufacturer) | | **Tolerance** | ±1%, ±5% | | **TCR (Temp. Coeff.)** | ±100 ppm/°C to ±200 ppm/°C | --- ### 2. The "Wide Terminal" Advantage Unlike standard 0805 resistors where the terminals are on the short sides, the **0508** has terminals on the **long sides**. This design offers several electronic benefits: 1. **Higher Power Dissipation:** The larger contact area with the PCB pads allows heat to escape more efficiently. 2. **Reduced Parasitic Inductance:** Shortening the path between electrodes reduces inductance, which is critical for high-frequency switching applications. 3. **Improved Solder Joint Integrity:** The wider base reduces thermal stress on the solder joints during temperature cycling. --- ### 3. Functional Applications The CSS0508 is primarily used to measure current by monitoring the voltage drop across it ($V = I \times R$). * **Power Management:** DC-DC converters and voltage regulator modules (VRMs). * **Battery Monitoring:** Sensing charge/discharge currents in mobile devices or power tools. * **Motor Control:** Detecting overcurrent conditions in small motors. * **Automotive Electronics:** Used in lighting controls and sensor modules. --- ### 4. Schematic Representation In a circuit, the CSS0508 is usually placed in series with the load. Below is a conceptual representation of its use in a sensing circuit: ```text [Power Source] ----+---- [Load] ----+---- GND | | | (CSS0508) | +----[ R_sense ]---+ | [To ADC / Op-Amp Input] ``` --- ### 5. Common Manufacturers Several major electronic component manufacturers produce the CSS0508 series: * **Samsung Electro-Mechanics:** (e.g., CS series) * **Susumu:** (e.g., KRL series) * **Vishay:** (e.g., WSK series) * **Yageo:** (e.g., RL/PT series)
    ✨ Follow-up Questions
    • ⤷ How does the wide terminal design specifically improve heat dissipation compared to standard 0805 resistors?
    • ⤷ What are the common Kelvin (4-terminal) sensing alternatives to the 0508 package?
    • ⤷ How do I calculate the maximum current a 10mΩ CSS0508 can handle at 1W?