CSHB0421R-R68M
AI

## Analysis of CSHB0421R-R68M
The **CSHB0421R-R68M** is a high-performance **SMD (Surface Mount Device) Power Inductor**. It is typically used in DC-DC converters, power supplies, and voltage regulator modules (VRMs) due to its high efficiency and compact size.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics.
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.68 µH |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | ~7.0 mΩ (Typical) |
| **Saturation Current (Isat)** | ~14A - 17A (Depends on temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Material** | Metal Alloy / Magnetic Shielded |
| **Case Size** | 0421 (approx. 4.0 x 4.0 x 2.1 mm) |
---
### 2. Key Electronic Components & Construction
#### A. Magnetic Core (Metal Alloy)
Unlike traditional ferrite inductors, this part uses a **metal alloy powder core**.
* **Soft Saturation:** The alloy core provides a "soft" saturation curve, meaning the inductance decreases gradually as current increases, rather than dropping sharply.
* **Shielding:** The molded construction provides integral magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components.
#### B. Winding Wire
The internal coil is made of high-quality copper wire.
* **Low DCR:** The design focuses on minimizing Direct Current Resistance (DCR) to reduce power loss through heat (I²R loss).
* **High Frequency:** It is optimized for high switching frequencies (up to several MHz), making it ideal for modern power management ICs (PMICs).
---
### 3. Application Use Cases
This specific inductor is commonly found in:
1. **Smartphones & Tablets:** Used in the power stage for processors where space is limited but current demand is high.
2. **Laptops/PCs:** Part of the VRM circuit for CPU and GPU power delivery.
3. **IoT Devices:** Provides efficient voltage stepping in battery-operated devices.
---
### 4. Part Number Breakdown
* **CSHB**: Series name (typically denotes high-current, shielded, alloy type).
* **0421**: Physical dimensions (4.0mm length/width, 2.1mm height).
* **R68**: Inductance value (R = decimal point; 0.68 microhenries).
* **M**: Tolerance code (M = ±20%).
- ⤷What are the specific soldering profile recommendations for this SMD inductor?
- ⤷ How does the 'soft saturation' of a metal alloy core compare to a ferrite core in circuit design?
- ⤷ What are the common alternatives or equivalents to the CSHB0421R series?