Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CSEB0730-R16M

  • AI
    ### Overview of CSEB0730-R16M The **CSEB0730-R16M** is a high-performance, surface-mount (SMD) power inductor. It is specifically designed to handle high currents while maintaining a compact footprint, making it ideal for modern DC-DC converters and power management modules. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Inductance** | 0.16 | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR) Max** | 1.10 | mΩ | | **Saturation Current (Isat)** | 55.0 (Typical) | A | | **Heating Current (Irms)** | 35.0 (Typical) | A | | **Operating Temperature** | -40 to +125 | °C | | **Dimensions (L x W x H)** | 7.3 x 6.6 x 3.0 | mm | --- ### Key Electronic Features 1. **Molded Construction:** The part uses a metal powder molding technology. This construction provides a magnetic shield, which reduces Electromagnetic Interference (EMI) and minimizes "buzz" noise caused by magnetostriction. 2. **High Saturation Current:** Because it uses a metal alloy core rather than a traditional ferrite core, it exhibits a "soft saturation" characteristic. This means the inductance drops gradually as current increases, preventing sudden circuit failure under peak loads. 3. **Low DCR (Direct Current Resistance):** With a resistance of only **1.10 mΩ**, this part minimizes power loss through heat (copper loss), ensuring high efficiency in power-sensitive applications. 4. **Frequency Performance:** It is optimized for high-frequency switching environments, typically found in modern CPU and GPU voltage regulator modules (VRMs). --- ### Common Applications * **Computing:** High-current DC/DC converters for laptops, servers, and desktops. * **Mobile Devices:** Power management for handheld devices where space is limited. * **Networking:** Distributed power systems and Field Programmable Gate Arrays (FPGAs). * **Automotive:** (If Grade qualified) Infotainment and LED lighting drivers. --- ### Equivalent Circuit / Identification In a circuit schematic, this part is represented as a standard inductor. The part numbering typically breaks down as follows: * **CSEB:** Series Name (Molded Power Inductor) * **0730:** Size Code (approx. 7mm x 3mm height) * **R16:** Inductance Value (R16 = 0.16µH) * **M:** Tolerance (M = ±20%)
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms for this inductor?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the recommended PCB landing patterns for the 0730 package?