Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CSCM1256-R65M

  • AI
    The **CSCM1256-R65M** is a high-current, shielded power inductor typically used in automotive and industrial power electronics. This component is designed to manage energy storage and filtering in DC-DC converters. --- ### 1. Technical Specifications The part number follows a standardized naming convention used by manufacturers like **Coilmaster Electronics**. Below is the breakdown of its core parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.65 µH | The nominal inductance value (R65 = 0.65). | | **Tolerance** | ±20% (M) | The allowable variance in inductance. | | **Case Size** | 12.5 x 12.5 x 6.0 mm | Physical dimensions (L x W x H). | | **DCR (Typical)** | ~1.3 mΩ | Low Direct Current Resistance to minimize heat. | | **Isat (Saturation Current)** | ~40.0 A | The current at which inductance drops by 30%. | | **Irms (Rated Current)** | ~25.0 A | The current that causes a 40°C temperature rise. | --- ### 2. Physical Construction & Features * **Magnetic Shielding:** The "CSCM" series utilizes a molded construction with metal powder. This ensures low EMI (Electromagnetic Interference), making it suitable for noise-sensitive environments. * **AEC-Q200 Compliance:** These parts are generally automotive-grade, meaning they can withstand high vibration and wide temperature ranges (typically -55°C to +125°C). * **Surface Mount (SMD):** Designed for automated pick-and-place assembly on PCBs. --- ### 3. Application Use Cases Inductors like the CSCM1256-R65M are critical components in high-efficiency power stages: 1. **Buck/Boost Converters:** Used to smooth out current ripples in voltage regulators. 2. **Infotainment Systems:** Provides stable power for car displays and processors. 3. **Battery Management Systems (BMS):** Manages energy flow in electric vehicle batteries. 4. **GPU/CPU Power Supply:** Due to the high current rating and low DCR, it is efficient for high-performance computing power delivery. --- ### 4. Circuit Symbol Representation In a schematic, this part is represented as an inductor. The "shielded" nature is often implied by the two lines above the inductor symbol: ```text L1 (0.65uH) -------(UUU)------- | | (Shielded Core) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between saturation current (Isat) and rated current (Irms) for this inductor?
    • ⤷ Are there smaller footprint alternatives with the same 0.65uH inductance?
    • ⤷ What are the specific thermal management requirements for the CSCM1256-R65M?