Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CSAB0750-R22M

  • AI
    The **CSAB0750-R22M** is a high-current, low-profile power inductor typically used in DC-DC converters and power management modules. It belongs to a class of surface-mount devices (SMD) designed for high-frequency applications. ### 1. Technical Specifications The part number follows a standardized nomenclature used by manufacturers like **Chilisin** or similar power component specialists. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 0750 (Approx. 7.0 x 6.6 mm) | | **Construction** | Metal Alloy Powder (Shielded) | | **DC Resistance (DCR)** | Extremely low (typically < 2.0 mΩ) | | **Saturation Current** | Very High (often 20A - 40A range) | --- ### 2. Key Features * **Molded Construction:** The inductor is made by compressing metal powder around a copper coil. This creates a "soft" saturation characteristic, meaning the inductance doesn't drop abruptly when current increases. * **Magnetic Shielding:** The design naturally contains magnetic flux, which reduces Electromagnetic Interference (EMI) with neighboring components on the PCB. * **High Efficiency:** Due to the low DCR, this part minimizes power loss through heat, making it ideal for high-efficiency voltage regulators. * **Compact Footprint:** The "0750" size (roughly 7mm square) provides a high power density relative to its physical volume. --- ### 3. Typical Applications This component is widely used in power circuits for modern electronics: 1. **CPU/GPU Power Supplies:** Used in VRM (Voltage Regulator Modules) for servers and high-end laptops. 2. **Point of Load (POL) Converters:** Converting a main bus voltage (like 12V) down to lower voltages (1.0V, 1.8V, etc.). 3. **Battery Powered Devices:** High-efficiency requirements in mobile devices to extend battery life. 4. **Distributed Power Systems:** Used in telecommunications and industrial computing. --- ### 4. Part Number Breakdown * **CSAB**: Series name (typically high-current molded type). * **0750**: Dimensions (Length/Width approx. 7.0mm x 6.6mm). * **R22**: Inductance value (R represents the decimal; R22 = 0.22µH). * **M**: Tolerance code (M = ±20%).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CSAB0750-R22M?
    • ⤷ How does 'soft saturation' differ from traditional ferrite core inductors?
    • ⤷ Which manufacturers are the primary suppliers for this specific part number?