Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CSAB0740-R15M

  • AI
    The **CSAB0740-R15M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-efficiency power supplies. It belongs to the category of molded power chokes, known for their compact size and low electromagnetic interference (EMI). --- ### 1. Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its core electrical and physical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.15 µH | Measured at 100kHz, 1.0V | | **Tolerance** | ±20% (M) | Standard tolerance for power inductors | | **DCR (DC Resistance)** | ~0.70 mΩ (Typ) | Low resistance to minimize heat loss | | **Isat (Saturation Current)** | ~55 - 65 A | Current where inductance drops by ~30% | | **Irms (Rated Current)** | ~30 - 35 A | Current causing a 40°C temperature rise | | **Dimensions** | 7.3 x 6.6 x 4.0 mm | Standard 0740 package size | --- ### 2. Physical Construction The "CSAB" series typically utilizes a **Metal Alloy Powder** core technology. * **Molded Construction:** The coil is placed inside a mold and pressed with metallic powder. This eliminates the "air gap" found in traditional ferrite cores, leading to a "soft saturation" characteristic. * **Shielding:** Because the magnetic material surrounds the coil, it is inherently self-shielded, which significantly reduces EMI (Electromagnetic Interference). * **Terminals:** Lead-free (RoHS compliant) construction with robust solder pads for high-vibration environments. --- ### 3. Key Applications Due to its high current handling and low profile (4.0mm height), this part is found in: 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery for servers and high-end PCs. 2. **Point of Load (POL) Converters:** Decentralized power management on complex PCBs. 3. **Battery Powered Devices:** High efficiency due to extremely low DCR helps extend battery life. 4. **Automotive Electronics:** (If grade certified) for infotainment and ADAS systems. --- ### 4. Performance Advantages * **Low Buzz Noise:** The molded structure reduces acoustic noise caused by magnetostriction. * **Temperature Stability:** Metal alloy cores perform more consistently across a wide temperature range compared to standard ferrites. * **High Power Density:** Provides very high current capability relative to its small 7x7mm footprint.
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to CSAB0740 if I need a lower profile height?
    • ⤷ How does the 'soft saturation' of this inductor compare to ferrite core inductors?
    • ⤷ Can this inductor be used in high-frequency switching applications above 2MHz?