Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CS1237

  • AI
    The **CS1237** is a high-precision, low-power 24-bit Analog-to-Digital Converter (ADC) manufactured by Chipsea. It is widely used in electronic weighing scales, industrial process control, and high-precision measurement systems due to its integrated features and simple interface. --- ### 1. Key Technical Specifications The CS1237 is designed to convert small analog signals (like those from a load cell) into digital data that a microcontroller (MCU) can process. | Feature | Specification | | :--- | :--- | | **Resolution** | 24-Bit Sigma-Delta ($\Sigma\Delta$) | | **Input Channels** | 1 Differential Input | | **Programmable Gain (PGA)** | 1, 2, 64, 128 | | **Output Data Rate** | 10Hz, 40Hz, 640Hz, 1.28kHz | | **Operating Voltage** | 2.7V to 5.5V | | **Communication** | 2-Wire Serial Interface (SCLK, DRDY/ADCO) | | **Internal Oscillator** | Integrated (No external crystal required) | --- ### 2. Functional Internal Blocks The chip integrates several electronic stages to ensure high-quality signal conversion: 1. **PGA (Programmable Gain Amplifier):** Amplifies weak signals. For example, using a gain of 128 allows the chip to measure microvolt ($\mu V$) changes from a bridge sensor. 2. **Digital Filter:** Removes high-frequency noise and stabilizes the output. 3. **Temperature Sensor:** An internal sensor is available to compensate for thermal drift in the environment. 4. **Power-Down Control:** Allows the chip to enter a low-current state to save battery life. --- ### 3. Pin Configuration The CS1237 typically comes in an **SOP-8** package, making it very compact for PCB designs. | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **OUT** | Output | Data ready and Serial data output | | 2 | **SCLK** | Input | Serial Clock Input | | 3 | **GND** | Power | Ground | | 4 | **AINN** | Analog | Negative Differential Input | | 5 | **AINP** | Analog | Positive Differential Input | | 6 | **VDD** | Power | Digital/Analog Power Supply | | 7 | **REFN** | Analog | Negative Reference Voltage | | 8 | **REFP** | Analog | Positive Reference Voltage | --- ### 4. Basic Application Circuit To use the CS1237 with a Load Cell (Wheatstone Bridge), the following components are typically required: * **Decoupling Capacitors:** 0.1$\mu$F and 10$\mu$F capacitors between VDD and GND to filter power supply noise. * **RC Filter:** Simple resistors and capacitors on the AINP/AINN lines to prevent Aliasing and RFI. * **Reference Voltage:** Often tied to VDD for ratiometric measurement. ```cpp // Example: Pseudocode to read CS1237 Data long read_CS1237() { long count = 0; while(digitalRead(ADCO_PIN)); // Wait for data to be ready (Low) for(int i=0; i<24; i++) { digitalWrite(SCLK_PIN, HIGH); count = count << 1; digitalWrite(SCLK_PIN, LOW); if(digitalRead(ADCO_PIN)) count++; } // Additional clocks are used to configure PGA and Rate return count; } ```
    ✨ Follow-up Questions
    • ⤷ How does the CS1237 compare to the HX711 in terms of performance?
    • ⤷ What is the configuration register sequence for changing the PGA to 128?
    • ⤷ Can the CS1237 be used for temperature compensation in load cells?