Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CM201212-R18KL

  • AI
    The **CM201212-R18KL** is a surface-mount (SMD) inductor, specifically a multi-layer chip inductor. It is commonly used in high-frequency circuits for noise filtering and signal shaping. --- ### 1. Part Number Breakdown Understanding the alphanumeric code reveals the specific characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CM** | Series | Multi-layer Chip Inductor series. | | **201212** | Dimensions | Physical size: 2.0mm x 1.25mm x 1.25mm (EIA 0805). | | **R18** | Inductance | **0.18 µH** (R acts as a decimal point). | | **K** | Tolerance | **±10%** variation from the nominal inductance. | | **L** | Termination | Lead-free (RoHS compliant) plating. | --- ### 2. Technical Specifications The electrical behavior of the CM201212-R18KL is defined by its physical construction (usually a ceramic body with internal silver or copper layers). | Parameter | Value | | :--- | :--- | | **Inductance** | 0.18 µH (180 nH) | | **Quality Factor (Q)** | ~15 to 25 (at specified frequency) | | **Self-Resonant Frequency (SRF)** | Typically > 400 MHz | | **DC Resistance (DCR)** | Max ~0.50 Ω | | **Rated Current** | ~300 mA (varies by manufacturer) | | **Operating Temperature** | -55°C to +125°C | --- ### 3. Physical Footprint (0805 Metric) The "2012" in the part number refers to the metric dimensions. In the electronics industry, this is equivalent to the **0805 Imperial** size. * **Length (L):** 2.00 mm (±0.2mm) * **Width (W):** 1.25 mm (±0.2mm) * **Thickness (T):** 1.25 mm (±0.2mm) --- ### 4. Common Applications Due to its low inductance value and high-frequency performance, this part is typically found in: 1. **High-Frequency Filtering:** Used in RF circuits to block high-frequency noise while allowing DC to pass. 2. **Impedance Matching:** Used in wireless communication devices (Wi-Fi, Bluetooth) to match the antenna impedance. 3. **EMI Suppression:** Reducing electromagnetic interference in high-speed digital lines. 4. **Local Oscillators:** Integrated into tuning circuits for signal stability. --- ### 5. Equivalent Manufacturers While "CM" is often associated with brands like **Bourns** or **TDK**, many manufacturers produce the 201212-R18K specification under different series prefixes. Always verify the datasheet for specific Q-factor and DCR ratings when swapping brands.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multi-layer chip inductor and a wire-wound inductor?
    • ⤷ How does the Q-factor affect the performance of this inductor in an RF circuit?
    • ⤷ Can I use an 0805 ferrite bead as a direct replacement for this component?