Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CI201210-R18J

  • AI
    The **CI201210-R18J** is a surface-mount multilayer chip inductor commonly used in high-frequency circuits. This part follows standard industry naming conventions for passive components. ### 1. Part Number Breakdown The nomenclature reveals the specific physical and electrical characteristics of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CI** | Series Type | Chip Inductor (Multilayer) | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (Equivalent to **0805** Imperial) | | **10** | Thickness | Approximately 1.0mm | | **R18** | Inductance Value | 0.18 Microhenries (µH) or 180 Nanhenries (nH) | | **J** | Tolerance | ±5% | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Bourns or Samsung), typical specifications for an R18J multilayer inductor are: * **Inductance:** 180 nH * **Tolerance:** ±5% (indicated by 'J') * **Self-Resonant Frequency (SRF):** Typically > 400 MHz * **DC Resistance (DCR):** Low (usually < 0.50 Ohms) * **Rated Current:** Generally between 150mA to 300mA depending on the specific series. * **Operating Temperature:** -55°C to +125°C --- ### 3. Key Features and Construction * **Multilayer Technology:** These inductors are created by layering ceramic materials and conductive paste. This results in a monolithic structure that is highly reliable and has no lead wires. * **Magnetic Shielding:** Due to the multilayer construction, these parts are self-shielding, which minimizes magnetic leakage and reduces crosstalk between components on a dense PCB. * **Size Efficiency:** The 0805 (2012 Metric) footprint is a standard size that balances ease of manufacturing (pick-and-place) with board space savings. --- ### 4. Common Applications The CI201210-R18J is designed for high-frequency signal conditioning rather than power conversion. Common use cases include: 1. **Mobile Communication:** Used in cell phones and Bluetooth modules for RF impedance matching. 2. **EMI Suppression:** Filtering high-frequency noise in digital signal lines. 3. **WLAN/Wi-Fi:** High-frequency resonance circuits in wireless networking hardware.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ How does the 'R' in the part number affect the inductance decimal placement?
    • ⤷ Can this inductor be used for power supply filtering applications?