Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CFS-0801TB

  • AI
    The **CFS-0801TB** is a high-quality **DIP switch** (Dual In-line Package) commonly used in industrial electronics, telecommunications, and consumer devices to manually set binary configurations. --- ### 1. Key Technical Specifications The "08" in the part number typically signifies the number of positions (switches) available on the component. | Parameter | Specification | | :--- | :--- | | **Type** | DIP Switch (Slide/Piano type) | | **Number of Positions** | 8-Position | | **Contact Rating** | 25mA, 24V DC | | **Dielectric Strength** | 500V AC for 1 minute | | **Insulation Resistance** | 100MΩ min. at 500V DC | | **Operating Temperature** | -40°C to +85°C | | **Termination Style** | Through-hole (THT) or SMT (depending on variant) | --- ### 2. Physical Characteristics * **Pitch:** Usually 2.54mm (0.1 inch), making it compatible with standard breadboards and PCB layouts. * **Material:** Thermoplastic UL 94V-0 housing for high heat resistance. * **Contacts:** Gold-plated or tin-plated contacts to prevent oxidation and ensure reliable switching over many years. * **Tape Seal:** The "TB" suffix often indicates **Tube Packaging** or **Top Tape Seal**, allowing the component to undergo automated wave soldering and cleaning without internal contamination. --- ### 3. Functional Applications The CFS-0801TB acts as a set of 8 independent SPST (Single Pole Single Throw) switches. Common use cases include: 1. **Addressing:** Setting unique ID codes for nodes in a RS-485 or DMX network. 2. **Configuration:** Selecting hardware modes (e.g., baud rate, output voltage, or sensor sensitivity) without needing a software interface. 3. **Security:** Manual "Key" setting for garage door openers or older remote controls. 4. **Prototyping:** Providing manual logic inputs (HIGH/LOW) for microcontrollers during development. --- ### 4. Typical Internal Circuitry Each of the 8 switches works independently. When a switch is pushed to the **ON** position, it closes the circuit between the top pin and the bottom pin directly below it. ```text [ Switch ON ] [ Switch OFF ] | | | | (Pin 1) (Pin 16) (Pin 1) (Pin 16) |_______| | X | (Closed) (Open) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between SMT and Through-hole versions of the CFS series?
    • ⤷ How do I calculate the binary value of an 8-position DIP switch?
    • ⤷ What are the recommended soldering temperatures for CFS-0801TB?