Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CF453232-R10M

  • AI
    ### CF453232-R10M: Component Overview The **CF453232-R10M** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency applications and power management circuits. It belongs to the 1812 (metric 4532) package family. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.10 µH | "R10" indicates the value | | **Tolerance** | ±20% | "M" stands for 20% | | **Package Size** | 1812 (Inch) / 4532 (Metric) | 4.5mm x 3.2mm x 3.2mm | | **DC Resistance (DCR)** | ~0.18 Ω (Max) | Resistance of the wire winding | | **Rated Current** | ~800 mA | Maximum continuous current | | **Self-Resonant Freq.** | ~550 MHz | Frequency where it stops behaving as an inductor | | **Construction** | Wire-wound | Ferrite core with copper winding | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **CF**: Series prefix (Wire-wound Chip Ferrite). * **453232**: Physical dimensions in millimeters ($4.5 \times 3.2 \times 3.2$). * **R10**: Inductance value ($R$ acts as a decimal point, $0.10\mu H$). * **M**: Tolerance code ($M = \pm20\%$, $K = \pm10\%$, $J = \pm5\%$). --- ### 3. Key Electronic Functions The CF453232-R10M performs several critical roles in a circuit: 1. **Noise Filtering:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency electromagnetic interference (EMI). 2. **Energy Storage:** In DC-DC converters, it stores energy in its magnetic field during the switching cycle. 3. **Impedance Matching:** Used in RF circuits to match the impedance between different stages to ensure maximum power transfer. 4. **Signal Decoupling:** Isolates specific parts of a circuit from high-frequency noise generated by other components. --- ### 4. Typical Applications * **Power Supplies:** Buck/Boost converters and voltage regulators. * **Telecommunications:** Mobile phones, base stations, and satellite equipment. * **Consumer Electronics:** Laptops, tablets, and digital cameras. * **Automotive:** Infotainment systems and ECU power filtering. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ferrite core and a ceramic core inductor?
    • ⤷ How does the 'Self-Resonant Frequency' affect circuit design?
    • ⤷ Can this inductor be replaced with a smaller 0805 package if the inductance is the same?