Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • CE201210-R15J

  • AI
    The **CE201210-R15J** is a surface-mount electronic component, specifically a **Multilayer Ceramic Chip Inductor**. It is commonly used in high-frequency circuits for filtering, impedance matching, and signal shaping. --- ## 1. Technical Specifications Breakdown The part number follows a standard nomenclature used by manufacturers (such as Bourns or TDK). Here is the technical breakdown: | Parameter | Value | Description | | :--- | :--- | :--- | | **Component Type** | Inductor | Multilayer Chip Inductor | | **Case Size (EIA)** | 0805 | Dimensions: 2.0mm x 1.25mm | | **Case Size (Metric)** | 2012 | Refers to the dimensions in millimeters | | **Inductance** | 0.15 µH | Represented by "R15" (R acts as decimal) | | **Tolerance** | ±5% | Represented by the suffix "J" | | **Material** | Ceramic | Non-magnetic core for high-frequency stability | --- ## 2. Key Features * **High Self-Resonant Frequency (SRF):** Due to the multilayer ceramic construction, these inductors can operate at very high frequencies without becoming capacitive. * **Compact Form Factor:** The 0805 (2012) size is ideal for high-density PCB designs in mobile devices. * **High Q-Factor:** Provides low loss in RF (Radio Frequency) circuits, ensuring better signal integrity. * **Monolithic Structure:** Provides high reliability and excellent magnetic shielding to prevent crosstalk between components. --- ## 3. Common Applications These inductors are typically found in: 1. **RF Transceivers:** Used in mobile phones and Wi-Fi modules for signal tuning. 2. **EMI Suppression:** Filtering high-frequency noise in digital signal lines. 3. **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF circuit (e.g., between an antenna and an amplifier). 4. **Bluetooth Modules:** Critical for stable communication in small wireless devices. --- ## 4. Typical Electrical Limits (Estimates) *Note: Specific values vary slightly by manufacturer (e.g., Bourns vs. Samsung).* ```json { "Inductance": "150 nH (0.15 µH)", "Tolerance": "±5%", "Typical_DC_Resistance": "0.40 - 0.70 Ohms", "Rated_Current": "200 - 300 mA", "Operating_Temperature": "-55°C to +125°C" } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'J' tolerance compare to 'K' or 'M' in inductors?
    • ⤷ In what circuit scenarios would I choose a 0805 size over a 0402 size?