AI

Based on standard electronic component naming conventions, the code **C3-R22-10** typically refers to a **Power Resistor** or a specific type of **Capacitor**, depending on the manufacturer (most commonly associated with brands like TE Connectivity or generic industrial classifications).
Below is a breakdown of what these parts represent in an electronic context.
---
## 1. Component Identification
In the majority of industrial parts catalogs, this nomenclature is broken down as follows:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **C3** | Series/Case Size | Often denotes a specific physical housing or power rating (e.g., 3 Watts). |
| **R22** | Resistance Value | The "R" acts as a decimal point. **R22 = 0.22 Ohms**. |
| **10** | Tolerance | Typically represents a **±10%** deviation from the nominal value. |
---
## 2. Technical Specifications
If this is a standard **0.22Ω Power Resistor**, the technical attributes generally include:
### Physical Characteristics
* **Mounting Type:** Through-hole or Axial leaded.
* **Coating:** Often Silicone or Flameproof Ceramic coating to handle high heat.
* **Material:** Usually Wirewound (for high precision/power) or Metal Oxide.
### Electrical Characteristics
* **Resistance:** 0.22 Ω (Low resistance, often used for current sensing).
* **Power Rating:** Likely 3 Watts (indicated by the 'C3' prefix in many catalogs).
* **Tolerance:** J (±5%) or K (±10%). In this specific code, **10** stands for 10%.
* **Temperature Coefficient:** Typically 200ppm/°C to 400ppm/°C.
---
## 3. Common Applications
Parts with these specifications (low resistance, high power) are used in:
1. **Current Sensing:** Placed in series with a load to measure voltage drop and determine current flow.
2. **Inrush Limiting:** Used to protect circuits from a sudden surge of electricity when powered on.
3. **Voltage Division:** Used in power supply circuits to drop specific small voltages.
4. **Audio Amplifiers:** Frequently found in the output stages of amplifiers to stabilize the circuit.
---
## 4. Alternative Interpretation: Capacitors
If the part is a **Ceramic Capacitor** (less common for this specific string but possible in certain Japanese naming conventions):
* **C3:** Case size or Dielectric type.
* **R22:** 0.22 microfarads (µF).
* **10:** 10 Volts.
*Note: If you have a specific manufacturer name (like Ohmite, Vishay, or TE), I can provide the exact datasheet parameters.*
- ⤷What is the power rating of a C3 series resistor?
- ⤷ How do I read R22 vs 22R on a resistor?
- ⤷ Which manufacturers use the C3-R22-10 part numbering?