Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • C20-R027M

  • AI
    The part number **C20-R027M** typically refers to a high-precision, low-resistance **Current Sense Resistor** (often in a metal plate or shunt format). These components are critical for monitoring current flow in power management systems. --- ## 1. Technical Specifications Based on standard industry naming conventions for this specific series, here are the likely technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 27 mΩ (0.027 Ω) | The 'R027' indicates the ohmic value. | | **Tolerance** | ±20% (M) | The 'M' suffix denotes the tolerance range. | | **Power Rating** | 1W - 3W | Depends on the physical package size (C20). | | **Temperature Coefficient** | ±50 to ±100 ppm/°C | Ensures stability across temperature changes. | | **Technology** | Metal Plate / Alloy | Provides low noise and high reliability. | --- ## 2. Key Features * **Low Inductance:** Necessary for high-frequency switching applications to prevent signal distortion. * **High Power Density:** Designed to handle significant current despite a small surface-mount footprint. * **Thermal Stability:** Uses specialized alloys (like Manganin or Ni-Cr) to maintain resistance accuracy as the part heats up. --- ## 3. Common Applications These resistors are used as "shunts" to convert current into a measurable voltage drop ($V = I \times R$). 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. 2. **DC-DC Converters:** Providing feedback loops for over-current protection. 3. **Motor Control:** Detecting phase current in brushless DC (BLDC) motors. 4. **Power Supplies:** Serving as a reference for voltage regulation. --- ## 4. Part Number Breakdown (Example) Typically, the code is structured as follows: * **C20**: Series or Case Size (often 2010 or 1206 metric/imperial equivalents). * **R027**: Resistance Value (R acts as the decimal point; 0.027 Ohms). * **M**: Tolerance Code (M = ±20%, K = ±10%, J = ±5%).
    ✨ Follow-up Questions
    • ⤷ What are the alternative tolerance options for the C20 series?
    • ⤷ How does the power rating change if the case size is increased?
    • ⤷ Can this resistor be used in high-temperature automotive environments?