Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • C0603X393DGGALTU

  • AI
    The part number **C0603X393DGGALTU** refers to a high-reliability, surface-mount multilayer ceramic capacitor (MLCC) manufactured by **KEMET**. This specific component belongs to the **FT-CAP** (Flexible Termination) series, designed for critical applications requiring robustness against mechanical stress. --- ### 1. Part Number Breakdown Understanding the alphanumeric code reveals the technical specifications of the component: | Code Segment | Specification | Description | | :--- | :--- | :--- | | **C** | Series | Ceramic Chip Capacitor | | **0603** | Case Size | 0.6" x 0.3" (Metric 1608) | | **X** | Attributes | Flexible Termination (FT-CAP) | | **393** | Capacitance | 39,000 pF (39 nF) | | **D** | Cap. Tolerance | ±0.5 pF (Note: In this series, usually refers to precision) | | **G** | Voltage | 2000V (2 kV) | | **G** | Dielectric | C0G (NP0) - Ultra-stable | | **A** | Failure Rate | Standard | | **L** | Termination | Sn (Matte Tin) | | **TU** | Packaging | 7" Reel / Unmarked | --- ### 2. Key Technical Specifications * **Capacitance:** 39 nF (0.039 µF). * **Voltage Rating:** 2000 VDC (High Voltage). * **Dielectric (C0G/NP0):** This is a Class I material. It is highly stable, meaning the capacitance does not change significantly with temperature, time, or applied voltage. * **Operating Temperature:** -55°C to +125°C. * **Flexible Termination:** The "X" designation indicates a conductive silver epoxy layer between the base metal and the nickel plating. This allows the capacitor to bend slightly without cracking the ceramic body, preventing short circuits. --- ### 3. Applications and Use Cases Because of its high voltage rating and flexible termination, this part is typically used in: 1. **Automotive Systems:** Under-the-hood electronics where vibration and thermal expansion are common. 2. **Power Supplies:** Snubber circuits in DC/DC converters and high-voltage filtering. 3. **Lighting:** Ballast circuits for HID or LED drivers. 4. **Telecom:** Equipment requiring high reliability and surge protection. --- ### 4. Comparison: Standard vs. Flexible Termination | Feature | Standard MLCC | C0603X (Flexible) | | :--- | :--- | :--- | | **Board Flex Resistance** | Low (2mm typical) | High (Up to 5mm) | | **Crack Risk** | High under stress | Mitigated by epoxy layer | | **Cost** | Lower | Slightly Higher |
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a C0G dielectric over X7R in high-voltage applications?
    • ⤷ How does the flexible termination 'X' attribute prevent electrical failure?
    • ⤷ Are there alternative case sizes available for this 39nF 2kV specification?