Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • BL-R2131C

  • AI
    The **BL-R2131C** is a highly integrated, low-power Wireless LAN (WLAN) module. It is primarily designed to provide Wi-Fi connectivity to embedded devices, IoT appliances, and consumer electronics. It is based on the **Realtek RTL8188CUS** or **RTL8188CTV** chipset family. --- ### ## 1. Key Specifications The following table summarizes the primary electronic and technical characteristics of the BL-R2131C module: | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188CUS / ETV | | **Interface** | USB 2.0 (High Speed) | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±10%) | | **Antenna Type** | External (via I-PEX connector or pin-out) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ### ## 2. Core Components & Architecture The module consists of several critical electronic sub-sections: * **MAC/Baseband Processor:** Handles the 802.11 protocol stack, managing data framing, MAC addresses, and power management. * **Radio Frequency (RF) Front-end:** Includes the Power Amplifier (PA) for transmission, the Low Noise Amplifier (LNA) for reception, and the RF Switch. * **Clocking (Crystal):** Typically features an onboard 40MHz crystal oscillator to provide stable timing for the RF and processing units. * **Power Management Unit (PMU):** Internal regulators convert the 3.3V input to the lower core voltages (e.g., 1.2V) required by the chipset. --- ### ## 3. Pin Configuration (Typical) Most BL-R2131C modules utilize a small form-factor pinout for integration onto a PCB: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Main DC Power Supply | | 2 | **USB_D-** | USB Data Minus | | 3 | **USB_D+** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **RF_ANT** | RF Output (to antenna) | | 6 | **CH_PD** | Chip Power Down / Enable (Active High) | --- ### ## 4. Application Integration Because this module uses a **USB 2.0 interface**, it is widely compatible with: * **Linux/Android Platforms:** Drivers are standard for Realtek 8188 series chips. * **Microcontrollers:** Can be used with MCUs that support USB Host mode (e.g., STM32, ESP32-S3). * **Smart TV/OTT Boxes:** Used as the primary Wi-Fi receiver. --- ### ## 5. Circuit Design Considerations When designing a PCB for this module, pay attention to: 1. **Impedance Matching:** The RF trace leading to the antenna must be matched to **50 Ohms** to prevent signal loss. 2. **Power Decoupling:** Use a 10uF and 0.1uF capacitor close to the 3.3V pin to filter high-frequency noise. 3. **USB Differential Pairs:** The D+ and D- lines should be routed as a differential pair with **90 Ohm impedance**.
    ✨ Follow-up Questions
    • ⤷What are the power consumption levels during active TX/RX modes?
    • ⤷ Does this module support Wi-Fi Direct or Soft-AP mode?
    • ⤷ Which operating systems have native driver support for the RTL8188 chipset?