Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • BCL453232-R56M

  • AI
    The **BCL453232-R56M** is a specific surface-mount (SMD) power inductor commonly used in signal processing and power management circuits. It is part of the wire-wound chip inductor family. --- ### 1. Part Number Breakdown To understand the component, we can deconstruct the alphanumeric code: | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **BCL** | Series Name | Wire-wound chip inductor for power/general lines. | | **453232** | Case Size (Metric) | Dimensions: 4.5mm x 3.2mm x 3.2mm. | | **R56** | Inductance Value | R denotes decimal. 0.56 Microhenries ($\mu H$). | | **M** | Tolerance | $\pm 20\%$ | --- ### 2. Key Technical Specifications While exact specifications can vary slightly by manufacturer (such as Bourns, TDK, or generic alternatives), the standard parameters for a 0.56$\mu H$ inductor in this package are typically: * **Inductance:** $0.56 \mu H$ * **Tolerance:** $\pm 20\%$ * **DC Resistance (DCR):** Usually very low, typically in the range of $0.08\Omega$ to $0.15\Omega$. * **Rated Current ($I_{dc}$):** Generally supports between $450mA$ and $650mA$ (depending on temperature rise). * **Self-Resonant Frequency (SRF):** Typically above $100 MHz$. * **Operating Temperature:** $-40^\circ C$ to $+125^\circ C$. --- ### 3. Construction and Material * **Core Material:** Ferrite. This allows for high magnetic permeability and low energy loss at high frequencies. * **Winding:** Copper wire wound around the ferrite core, often encapsulated in a resin or molded case for physical protection. * **Termination:** Tin-plated (Sn) electrodes suitable for reflow soldering. --- ### 4. Common Applications Due to its moderate inductance and compact size, the BCL453232-R56M is used in: 1. **DC-DC Converters:** Helping to smooth voltage ripples in power supplies. 2. **EMI/RFI Filtering:** Suppressing high-frequency noise in communication lines. 3. **Signal Decoupling:** Isolating specific stages of a circuit to prevent interference. 4. **Consumer Electronics:** Found in tablets, automotive infotainment, and telecommunication hardware. --- ### 5. Equivalent Footprint (Imperial) In the electronics industry, the **4532** metric size corresponds to the **1812** imperial size. When searching for pads or PCB footprints, look for the **1812** standard inductor footprint.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ferrite core and ceramic core inductors?
    • ⤷ How does the 'Rated Current' affect the performance of this inductor in a circuit?
    • ⤷ Can this inductor be used for high-frequency RF applications above 500MHz?