Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • BCL453232-R12M

  • AI
    ## BCL453232-R12M: Technical Overview The **BCL453232-R12M** is a Surface Mount Device (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for signal processing and power management. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **BCL** | Series | Wire-wound chip inductor for signal lines | | **453232** | Dimensions | Metric size: 4.5mm x 3.2mm x 3.2mm (approx. 1812 EIA) | | **R12** | Inductance | 0.12 µH (R denotes the decimal point) | | **M** | Tolerance | ±20% | --- ### 2. Key Specifications While specific values may vary slightly by manufacturer (such as Bourns or Taiyo Yuden), the typical electrical profile for this part is as follows: * **Inductance:** 0.12 µH * **Tolerance:** ±20% * **Quality Factor (Q):** Typically high (approx. 30 at test frequency) * **Self-Resonant Frequency (SRF):** High (often > 500 MHz) * **DC Resistance (DCR):** Very low (typically < 0.20 Ω) * **Rated Current:** High current capacity for its size (often 450mA to 800mA range) --- ### 3. Construction and Features * **Wire-Wound Structure:** Uses a ceramic core with copper wire wound around it, providing higher Q factors and higher current handling than multilayer inductors. * **Encapsulation:** Usually molded in resin to provide mechanical strength and environmental protection. * **Footprint:** The 1812 (4532 metric) package is relatively large for modern smartphones but standard for industrial and automotive electronics due to its robustness. --- ### 4. Applications This specific inductor is generally used in: 1. **High-Frequency Communication:** Filtering and matching in RF circuits. 2. **Power Supply Decoupling:** Removing high-frequency noise from DC power lines. 3. **Consumer Electronics:** Used in TVs, VCRs, and audio equipment to maintain signal integrity. --- ### 5. Recommended Storage and Handling ```markdown - Operating Temperature: -40°C to +125°C (including self-heating) - Soldering Method: Reflow or Flow soldering - Moisture Sensitivity Level (MSL): 1 (unlimited floor life) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the BCL453232-R12M?
    • ⤷ How does the wire-wound construction differ from a multilayer inductor in performance?
    • ⤷ What is the maximum current rating for this specific inductor?