Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • BAT54L-CB2-R

  • AI
    ## Technical Overview of BAT54L-CB2-R The **BAT54L-CB2-R** is a high-performance, low-current Schottky Barrier Diode. It is widely used in electronic circuits for signal switching, clipping, and high-speed rectification due to its low forward voltage drop and fast switching capabilities. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the BAT54L series: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Maximum Repetitive Reverse Voltage** | $V_{RRM}$ | 30 | V | | **Maximum Average Forward Current** | $I_F$ | 200 | mA | | **Forward Voltage Drop** (at 1mA) | $V_F$ | ~0.24 | V | | **Forward Voltage Drop** (at 100mA) | $V_F$ | ~0.80 | V | | **Reverse Recovery Time** | $t_{rr}$ | 5.0 | ns | | **Operating Junction Temperature** | $T_j$ | -55 to +125 | °C | --- ### 2. Physical and Packaging Information The "CB2" and "R" suffixes typically refer to the specific package and tape-and-reel shipping format. * **Package Type:** Often housed in an ultra-small surface-mount package such as **SOD-523** or **SOT-23** (depending on the specific manufacturer's suffix coding). * **Lead-Free:** The "L" usually denotes a lead-free (RoHS compliant) construction. * **Tape & Reel:** The "R" indicates the component is supplied in a reel format for automated Pick-and-Place assembly. --- ### 3. Core Features & Advantages 1. **Low Forward Voltage:** By utilizing a metal-to-silicon junction, it achieves a lower $V_F$ than standard silicon diodes, reducing power loss. 2. **Fast Switching:** The low junction capacitance and $t_{rr}$ make it ideal for high-frequency applications. 3. **Small Form Factor:** The miniature footprint saves significant PCB real estate in mobile and portable devices. --- ### 4. Typical Applications * **Reverse Polarity Protection:** Protecting low-power circuits from battery insertion errors. * **Voltage Clamping:** Limiting voltage spikes in signal lines to protect sensitive IC inputs. * **Mixers and Detectors:** Used in RF circuits for signal demodulation. * **Switching Regulators:** Acting as a freewheeling diode in low-current DC-DC converters. --- ### 5. Equivalent Circuit Representation In a schematic, it is represented by the standard Schottky Diode symbol: ```text Anode Cathode |----|>|-------| (Schottky) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the BAT54L and a standard 1N4148 diode?
    • ⤷ How does temperature affect the reverse leakage current of the BAT54L?
    • ⤷ Which specific SMD footprint does the CB2 suffix correspond to in the UTC datasheet?