Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • BAT15-013P

  • AI
    ### BAT15-013P Electronic Component Overview The **BAT15-013P** is a high-performance **Silicon Schottky Diode** designed specifically for high-frequency applications. It is commonly used in RF (Radio Frequency) circuits for mixing, detecting, and switching. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the BAT15-013P: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Reverse Voltage** | $V_R$ | 4 | V | | **Forward Current** | $I_F$ | 110 | mA | | **Diode Capacitance** (at $V_R=0V, f=1MHz$) | $C_T$ | 0.35 | pF | | **Forward Voltage** (at $I_F=1mA$) | $V_F$ | 0.23 | V | | **Series Resistance** | $R_S$ | 6 | $\Omega$ | | **Package Type** | - | SOT-323 | - | --- ### 2. Physical Configuration The BAT15-013P typically comes in a **SOT-323** (also known as SC-70) surface-mount package. The internal configuration is a **Single Diode**. * **Pin 1:** Anode * **Pin 2:** Not Connected (NC) * **Pin 3:** Cathode --- ### 3. Key Features and Applications #### Features * **Low Capacitance:** The extremely low junction capacitance (0.35 pF) makes it suitable for signals up to 12 GHz and beyond. * **Low Noise Figure:** Essential for sensitive receiver circuits. * **Fast Switching:** Schottky technology allows for sub-nanosecond switching speeds. #### Typical Applications 1. **Mixers:** Used in down-conversion and up-conversion of RF signals in telecommunications. 2. **Detectors:** Converting RF power into a measurable DC voltage (e.g., signal strength meters). 3. **High-Speed Switching:** In digital logic circuits or RF signal routing. 4. **Clamping:** Protecting sensitive RF inputs from voltage spikes. --- ### 4. Circuit Example (RF Detector) In a simple RF envelope detector circuit, the BAT15-013P would be placed in series with the signal path to rectify the high-frequency carrier wave. ```text RF IN ----|>|----o---- OUT (BAT15) | [R] (Load Resistor) | ===== (Ground) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating frequency for the BAT15-013P?
    • ⤷ How does the SOT-323 package compare to SOT-23 in size?
    • ⤷ What are the alternatives to BAT15-013P for higher voltage requirements?