Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-P2-183-C2-R0

  • AI
    The **ATS-P2-183-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 40mm x 40mm x 20mm | | **Thermal Resistance** | 5.37°C/W (at 200 LFM) | | **Fin Style** | XC-Cut (Cross-cut) | --- ### 2. Key Features * **pushPIN™ Attachment:** This model uses a specialized push-pin mechanism with a built-in spring. This ensures consistent pressure across the component surface for optimal heat transfer and makes installation faster than traditional screw-mounts. * **XC-Cut Fin Design:** The "XC-Cut" refers to a cross-cut pattern in the fins. This design is highly effective for environments where airflow might be multidirectional or inconsistent, as it increases the surface area and creates turbulence to strip away heat. * **Blue Anodization:** Beyond aesthetics, the anodized finish provides corrosion resistance and improves thermal emissivity. * **Pre-applied TIM:** These units often come with a pre-applied Thermal Interface Material (TIM) to ensure a high-quality thermal bond between the chip and the aluminum. --- ### 3. Electronic Application The ATS-P2-183-C2-R0 is typically used in the following electronic scenarios: 1. **Embedded Systems:** Cooling microprocessors in industrial PCs. 2. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators. 3. **Networking Hardware:** Cooling ASICs in switches or routers. 4. **Telecommunications:** Managing thermal loads in base station components. --- ### 4. Thermal Performance Comparison The effectiveness of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM): | Airflow Speed | Thermal Resistance (°C/W) | | :--- | :--- | | **Unducted (Natural)** | 5.37 | | **200 LFM** | 3.00 | | **400 LFM** | 2.20 | | **600 LFM** | 1.91 |
    ✨ Follow-up Questions
    • ⤷ What are the advantages of pushPIN™ over standard clip-on heat sinks?
    • ⤷ How do I calculate the thermal budget for a chip using this heat sink?
    • ⤷ Are there alternative materials like Copper available for this specific ATS footprint?