Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-P2-182-C1-R0

  • AI
    The **ATS-P2-182-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum (with Blue Anodized Finish) | | **Dimensions** | 40mm x 40mm x 15mm | | **Attachment Type** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | 7.48°C/W @ 200 LFM | | **Thermal Interface Material** | None (Requires external TIM or pad) | --- ### 2. Key Components & Construction #### A. Fin Design * **Fin Type:** It features a **Straight-Fin** or **Cross-Cut** geometry. * **Purpose:** This design maximizes surface area while allowing airflow to pass through easily, reducing the temperature of the underlying semiconductor. #### B. The Push-Pin Mechanism Unlike adhesive-based heat sinks, the "P2" in the part number refers to the specific push-pin attachment: * **Hardware:** It uses plastic push-pins and a metal spring. * **Function:** The spring provides consistent **downward pressure** (clamping force), which ensures a tight contact between the heat sink base and the chip, improving thermal transfer efficiency. #### C. Material & Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slight electrical insulation. --- ### 3. Applications This specific heat sink is commonly found in: 1. **Telecommunications:** Cooling high-speed networking processors. 2. **Embedded Systems:** For industrial PCs where vibration resistance (provided by the push-pins) is necessary. 3. **Power Electronics:** Managing heat in DC-DC converters. --- ### 4. Part Number Breakdown * **ATS:** Advanced Thermal Solutions (Manufacturer). * **P2:** Push-pin attachment type. * **182:** Specific model/size series. * **C1:** Blue Anodized finish. * **R0:** Revision code / Rohs compliance status.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for mounting this push-pin heat sink?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for use with this part?