Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-52290P-C1-R0

  • AI
    The **ATS-52290P-C1-R0** is a high-performance electronic thermal management component, specifically a **heat sink** designed by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW" series, engineered to provide efficient cooling for electronic integrated circuits (ICs) and components. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the ATS-52290P-C1-R0: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Heat Sink Type** | maxiFLOW | | **Attachment Method** | pushPIN™ | | **Material** | Aluminum (Black Anodized) | | **Dimensions (L x W)** | 29.00mm x 29.00mm | | **Height** | 17.50mm | | **Thermal Resistance** | 3.40 °C/W (at 200 LFM) | | **Mounting Hardware** | Plastic Push Pins & Brass Springs | --- ### 2. Key Components & Design Features #### A. Fin Geometry The "maxiFLOW" design features a tapered fin structure. Unlike standard square fins, these are designed to maximize surface area while minimizing the pressure drop. This allows for increased airflow across the component, which is critical in densely packed electronic enclosures. #### B. The pushPIN™ Attachment System One of the defining "electronic parts" of this assembly is the mounting mechanism. It uses a **pushPIN™** system which includes: * **Flexible Springs:** Provide precise pressure (Pre-assembled) to ensure high thermal interface performance. * **Nylon Push Pins:** Secure the heat sink to the PCB through pre-drilled holes, ensuring a vibration-resistant fit. #### C. Thermal Interface Material (TIM) The part typically comes with a **pre-applied Thermal Interface Material**. This is a thin layer of phase-change material or thermal grease located on the base of the heat sink to eliminate air gaps between the IC and the aluminum, significantly improving heat transfer. --- ### 3. Application Use Cases This specific heat sink size (29mm) is commonly used for: * **BGA (Ball Grid Array) Packages:** Protecting CPUs or GPUs in embedded systems. * **Telecommunications:** Cooling chipsets in routers and switches. * **Power Supplies:** Dissipating heat from high-speed transistors or voltage regulators. --- ### 4. Comparison to Standard Heat Sinks | Feature | Standard Heat Sink | ATS-52290P-C1-R0 | | :--- | :--- | :--- | | **Airflow Efficiency** | Moderate | High (maxiFLOW geometry) | | **Installation** | Adhesive Tape/Clip | pushPIN™ (Mechanical) | | **Stability** | Can shift over time | Locked to PCB via pins |
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN mounting system?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ Are there alternative heights available for the 29x29mm maxiFLOW series?