Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-19F-84-C2-R0

  • AI
    The **ATS-19F-84-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It belongs to the "maxiFLOW™" product line, designed to reduce pressure drop and maximize airflow. ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Number** | ATS-19F-84-C2-R0 | | **Heat Sink Type** | Push-Pin (maxiFLOW™) | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 2.69°C/W (at 200 LFM) | | **Attachment Method** | Plastic Push-Pin with Brass Springs | | **Base Dimensions** | 30.00mm x 30.00mm | | **Height** | 25.00mm | --- ### 2. Key Electronic Features The design of this component focuses on maximizing heat dissipation for integrated circuits (ICs) and other electronic components. * **Tapered Fin Design:** The "maxiFLOW™" geometry features a spread-fin pattern. This reduces air resistance and increases the surface area exposed to the airflow, making it more efficient than standard straight-fin heat sinks. * **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **SAINT-GOBAIN C700**, which is a high-performance thermal phase-change material that ensures a low thermal resistance interface between the heat sink and the chip. * **Secure Attachment:** The use of **push-pins** ensures consistent pressure across the surface of the processor. This prevents "tilting" and ensures the thermal interface material is compressed correctly for maximum heat transfer. --- ### 3. Common Applications This heat sink is sized for small to medium-sized electronic packages, frequently used in: 1. **Networking Hardware:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PC modules and single-board computers. 3. **Power Supplies:** Cooling MOSFETs or power regulators. 4. **Processors:** Cooling FPGAs, ASICs, or older generations of CPUs/GPUs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between push-pin and adhesive mounting for heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Are there alternative thermal interface materials for the ATS-19F series?