Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-16F-52-C2-R0

  • AI
    The **ATS-16F-52-C2-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, and FPGAs. --- ### Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Part Number** | ATS-16F-52-C2-R0 | Manufacturer specific ID | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Finish** | Blue Anodized | Protects against corrosion; improves emissivity | | **Attachment Method** | pushPIN™ | Spring-loaded mechanism for consistent pressure | | **Thermal Resistance** | ~1.07 °C/W (at 200 LFM) | Lower is better for cooling | | **Dimensions (L x W x H)** | 45mm x 45mm x 25mm | Standard square footprint | --- ### Key Electronic & Physical Features #### 1. Heat Sink Design (maxiFLOW™) This part features a **fluted fin design**. Unlike standard straight-fin heat sinks, these fins are angled to increase the surface area and promote turbulence. This helps the air carry away heat more effectively in environments with constrained airflow. #### 2. Thermal Interface Material (TIM) The suffix **C2** typically indicates that the part comes pre-applied with a high-performance **Phase Change Material (PCM)** or a thermal pad. - **Function:** Fills microscopic air gaps between the heat sink and the electronic chip to maximize heat transfer. #### 3. Attachment System (pushPIN™) The **R0** designation refers to the attachment kit. The pushPIN™ system uses: * **Compression Springs:** Ensure even pressure across the die, preventing damage to the chip while maintaining a tight thermal seal. * **Plastic/Brass Pins:** Secure the heat sink to the PCB through pre-drilled holes. --- ### Comparison: Active vs. Passive Cooling The ATS-16F-52-C2-R0 is a **passive** component, meaning it has no moving parts (like a fan). However, its performance is highly dependent on the **Airflow (LFM - Linear Feet per Minute)** provided by the system's chassis fans. | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 (Low) | ~1.07 | | 500 (High) | ~0.60 | --- ### Applications * **Telecommunications:** Cooling of high-speed networking switches. * **Embedded Systems:** Industrial PCs where space is limited. * **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
    • ⤷ How do I calculate the required LFM for my specific chip using this heat sink?
    • ⤷ Are there alternative attachment methods if my PCB doesn't have pushPIN holes?