Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-12F-101-C3-R0

  • AI
    The **ATS-12F-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *pushPIN™* series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 45mm x 45mm x 30mm | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance (Unducted)** | 6.77 °C/W @ 100 LFM | | **Thermal Resistance (Ducted)** | 1.15 °C/W @ 100 LFM | | **Fin Style** | Straight | | **Thermal Interface Material (TIM)** | T412 (High Performance) | --- ### 2. Key Design Features The "electronic parts" within this assembly aren't active circuitry, but rather mechanical-thermal components: * **Fin Design:** It uses a high-density straight fin pattern. This increases the surface area for heat dissipation, allowing air to flow through and carry heat away from the component. * **PushPIN™ Attachment:** Instead of messy adhesives or simple clips, this uses a robust spring-loaded pin mechanism. This ensures: * **Consistent Pressure:** Even contact across the electronic chip. * **Reliability:** Resistance to shock and vibration. * **Thermal Interface Material (TIM):** Pre-applied T412 grease on the base ensures maximum heat transfer by filling microscopic air gaps between the heat sink and the electronic component. --- ### 3. Decoding the Part Number The part number follows a specific nomenclature used by ATS: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **12** | Heat Sink Series (pushPIN™) | | **F** | Fin Pitch (Fine) | | **101** | Specific Model/Size ID | | **C3** | Material/Finish (Aluminum / Blue Anodized) | | **R0** | Revision/Packaging Code | --- ### 4. Application Use-Case This part is typically found in: * **Networking Equipment:** Routers and switches where airflow is directed. * **Industrial PCs:** Where heat needs to be dissipated in compact spaces. * **Embedded Systems:** Protecting sensitive microprocessors from thermal throttling. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a pushPIN attachment over traditional adhesive tape?
    • ⤷ How does the 'Ducted' vs 'Unducted' thermal resistance affect system design?
    • ⤷ Is the T412 thermal interface material replaceable or permanent?