ATS-10E-145-C1-R0
AI

The **ATS-10E-145-C1-R0** is a high-performance electronic component specifically designed for thermal management. It is a **heat sink** manufactured by Advanced Thermal Solutions (ATS).
### 1. Component Overview
This part belongs to the **maxiFLOW™** series, known for its patented flared fin design which maximizes airflow and cooling efficiency in constrained spaces.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-10E-145-C1-R0 |
| **Type** | Heat Sink (Passive Cooling) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and clearance.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 25.00 mm (Vertical profile from the base)
* **Fin Pitch:** Fine/Flared
---
### 3. Thermal Performance
Thermal resistance determines how effectively the part moves heat away from the semiconductor (CPU, GPU, or FPGA).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 2.88 |
| **200 LFM (1.0 m/s)** | 1.68 |
| **500 LFM (2.5 m/s)** | 1.13 |
---
### 4. Key Electronic & Mechanical Features
1. **pushPIN™ Attachment:** The "-R0" suffix indicates the use of a push-pin and brass spring mechanism. This provides the necessary "TIM" (Thermal Interface Material) pressure to ensure optimal contact with the electronic chip.
2. **Blue Anodized Finish:** The surface treatment is not just for aesthetics; it increases surface emissivity and provides corrosion resistance for the aluminum.
3. **Cross-Cut Fin Design:** The flared fins allow for multidirectional airflow, meaning it performs well even if the air is not hitting it perfectly straight (turbulent air).
4. **Pre-Applied TIM:** These units usually come with a high-performance thermal phase-change material pre-applied to the base to simplify assembly.
---
### 5. Common Applications
This heat sink is typically found in high-heat density electronic environments:
* **Networking Gear:** Routers, switches, and base stations.
* **Power Supplies:** Cooling MOSFETs or power transistors.
* **Embedded Computing:** Cooling industrial-grade processors.
- ⤷
What is the difference between pushPIN and adhesive mounting for this part?
- ⤷ How does the 'flared fin' design compare to standard straight fins?
- ⤷ Can this heat sink be used with a 40mm fan attachment?