Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-1039-C2-R0

  • AI
    The **ATS-1039-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** designed for cooling electronic devices such as BGA (Ball Grid Array) packages, CPUs, or GPUs. --- ### 1. Technical Specifications The following table highlights the primary physical and technical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (typically blue anodized) | | **Attachment Method** | maxiGRIP™ (Spring Clip) | | **Dimensions (L x W)** | 40.00mm x 40.00mm | | **Height** | 14.50mm | | **Thermal Resistance** | Variable based on Airflow (LFM) | --- ### 2. Key Electronic Features #### A. Pin Fin Design Unlike traditional straight-fin heat sinks, the pin-fin architecture allows for **omnidirectional airflow**. This is critical in crowded PCB environments where air may not be moving in a single linear path. The pins increase surface area to facilitate heat dissipation from the semiconductor to the ambient air. #### B. maxiGRIP™ Attachment The "C2-R0" designation refers to the specific attachment system. * **Mechanical Integrity:** It uses a high-tension plastic frame clip and a stainless steel spring clip. * **No PCB Holes:** It attaches directly to the component/PCB without requiring holes, which saves valuable routing space on the circuit board. * **Phase Change Material (PCM):** Usually comes with a pre-applied thermal interface material (TIM) to ensure low thermal resistance between the chip and the aluminum. #### C. Thermal Performance This part is engineered for "Low Profile" applications where vertical space is restricted. It is optimized for forced convection (fan-cooled) environments. --- ### 3. Common Applications * **Telecommunications:** High-speed routers and switches. * **Embedded Systems:** Industrial PC modules. * **Power Electronics:** Voltage regulators and power converters that generate localized heat. * **Processing Units:** Cooling FPGAs and ASICs in signal processing. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **1039** | Specific design/footprint ID | | **C2** | Thermal Interface Material (TIM) and Clip Type | | **R0** | Revision or specific finish/packaging code |
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this heat sink at 200 LFM airflow?
    • ⤷ Can the maxiGRIP attachment be reused if the component is replaced?
    • ⤷ What are the advantages of pin fin designs over straight fin designs in tight enclosures?