Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-06F-101-C3-R0

  • AI
    The **ATS-06F-101-C3-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and high-power ICs. --- ### 1. Technical Specifications The model number provides specific details about the physical and thermal properties of the component: | Feature | Specification | |:---|:---| | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 30mm | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Physical Design and Construction This electronic part is engineered for maximum heat dissipation within a compact footprint: * **Fine Pitch Fins:** The "F" in the part number often denotes a fine pitch design. This increases the surface area available for convective cooling without increasing the footprint. * **Thermal Interface Material (T766):** It comes with a pre-applied thermal pad (T766), which ensures a low-resistance thermal path between the semiconductor die and the aluminum base. * **Blue Anodized Coating:** Beyond aesthetics, the anodization process increases the emissivity of the aluminum and provides electrical insulation and corrosion resistance. --- ### 3. Mounting System: Push-Pin and Spring Unlike adhesive-based heat sinks, the **ATS-06F-101-C3-R0** uses a mechanical fastening system: 1. **Push-Pins:** These are inserted through pre-drilled holes in the PCB. They provide a secure, vibration-resistant connection. 2. **Compression Springs:** These maintain a constant downward force on the heat sink. This ensures that the Thermal Interface Material stays in perfect contact with the electronic component even during thermal expansion and contraction. --- ### 4. Typical Applications This heat sink is commonly found in: * **Networking Equipment:** Routers, switches, and base stations. * **Embedded Systems:** Industrial PCs and controllers. * **Power Electronics:** Voltage regulator modules (VRMs). ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance rating of the ATS-06F-101-C3-R0 in Celsius per Watt?
    • ⤷ How does the T766 thermal interface material compare to standard thermal grease?
    • ⤷ What are the specific hole patterns required on a PCB for this push-pin mount?