ATS-04A-200-C1-R0
AI

The **ATS-04A-200-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications, electronic application, and technical characteristics.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-04A-200-C1-R0 |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
### 2. Physical Dimensions
This heat sink is designed for medium-to-large electronic components (like FPGAs or CPUs) that require robust cooling.
* **Length:** 50.00 mm
* **Width:** 50.00 mm
* **Height (Fin Height):** 10.00 mm
* **Pin Pitch:** 43.00 mm
### 3. Thermal Performance
Thermal resistance determines how effectively the part moves heat away from the silicon die. It is measured in degrees Celsius per Watt (°C/W) based on Airflow (LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 9.76 |
| **400 LFM (2.0 m/s)** | 3.37 |
| **700 LFM (3.5 m/s)** | 2.52 |
### 4. Key Electronic & Mechanical Features
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a permanent mechanical attachment. The push-pins have a built-in spring that provides precise "Firm Attachment Force" to ensure optimal contact with the electronic chip.
* **Straight-Fin Design:** The fins are arranged in a straight-cut pattern, which is optimized for **forced-air cooling** (systems with fans).
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance phase-change material that fills microscopic air gaps between the chip and the heat sink.
* **Material Composition:** Made from Aluminum AL6063, which offers high thermal conductivity while remaining lightweight for PCB safety.
### 5. Common Applications
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed network processors.
2. **Embedded Systems:** For industrial Motherboards or SoCs.
3. **Power Electronics:** Dissipating heat from high-power MOSFETs or IGPT modules.
---
- ⤷What is the difference between Blue Anodized and Clear Anodized finishes in terms of thermal performance?
- ⤷ How do I determine if the 43mm pin pitch is compatible with my PCB layout?
- ⤷ What are the advantages of push-pin mounting over thermal tape?