Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-02A-33-C2-R0

  • AI
    The **ATS-02A-33-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "Blue" high-performance heat sink series designed primarily for cooling electronic integrated circuits (ICs) like CPUs, GPUs, and FPGAs. --- ## 1. Technical Specifications This part is a push-pin style heat sink designed for efficient heat dissipation in forced-air environments. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Brass) | | **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 17.78mm | | **Thermal Resistance** | 17.42°C/W (at 100 LFM) | | **Fin Style** | Straight Fin | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ## 2. Key Electronic Components & Features ### A. Push-Pin Attachment Mechanism The "02A" designation in the part number often refers to the specific attachment kit. * **Spring-Loaded Brass Pins:** These ensure constant pressure between the heat sink and the electronic chip, which is critical for maximizing thermal conductivity. * **Ease of Assembly:** It allows for quick installation on a PCB without the need for specialized tools, provided the PCB has the corresponding mounting holes. ### B. Thermal Interface Material (TIM) * **T766:** This heat sink comes with a pre-applied phase-change material. In electronics, the TIM fills microscopic air gaps between the heat sink and the chip surface, significantly reducing thermal resistance. ### C. Thermal Management Performance The efficiency of this part varies based on the airflow (measured in Linear Feet per Minute - LFM) provided by the system fans: | Airflow (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (Natural/Low) | 17.42 | | 300 (Moderate) | 4.22 | | 500 (High) | 3.20 | --- ## 3. Common Applications This electronic part is used to protect sensitive silicon components from overheating in the following devices: * **Networking Equipment:** Routers, switches, and gateways. * **Embedded Systems:** Industrial PCs and automation controllers. * **Consumer Electronics:** High-end audio/video processing boards. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the ATS-02A-33-C2-R0 push-pins?
    • ⤷ How does the T766 thermal material compare to standard thermal grease?
    • ⤷ Can this heat sink be used in a passive cooling environment without fans?