Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ATS-01B-29-C2-R0

  • AI
    The **ATS-01B-29-C2-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "blueICE" series, designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets. --- ## 1. Technical Specifications The following table outlines the key physical and thermal characteristics of the part: | Attribute | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Base Dimensions** | 45mm x 45mm | | **Height** | 20mm | | **Attachment Method** | Push Pin (Plastic/Brass) | | **Thermal Resistance** | 7.57°C/W (at 100 LFM) | | **Weight** | ~45 grams | --- ## 2. Key Electronic Features ### A. Thermal Interface Material (TIM) This part typically comes pre-applied with **T766** phase-change material or high-performance thermal grease. This ensures low contact resistance between the semiconductor package and the heatsink base. ### B. pushPIN™ Attachment System Unlike adhesive tapes, this part uses a mechanical push-pin system. * **Precision Springs:** Provides specific pressure to ensure consistent contact with the electronic chip. * **Hole Pattern:** Designed for industry-standard PCB hole layouts. ### C. Aerodynamic Fin Design The fin geometry is optimized for **straight-line airflow**. The "C2" in the part number indicates a specific fin density and configuration designed to balance pressure drop with thermal dissipation efficiency. --- ## 3. Application Use Cases This component is commonly found in: 1. **Telecommunications:** Cooling of networking switches and routers. 2. **Power Electronics:** Dissipating heat from high-current transistors. 3. **Industrial Controls:** Used on PCB-mounted processors in harsh environments. --- ## 4. Part Number Breakdown The nomenclature reveals the specific configuration: ```text ATS - 01 B - 29 - C2 - R0 | | | | | | | | | | | +-- Revision Level | | | | +------- Thermal Performance/Fin Type | | | +------------ Height/Design Variation | | +----------------- Attachment Type (Push-Pin) | +------------------- Size Category +------------------------ Brand (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact PCB hole pattern required for the ATS-01B-29-C2-R0?
    • ⤷ How does the thermal resistance change at higher airflow rates (e.g.
    • ⤷ 500 LFM)?
    • ⤷ What are the compatible replacement alternatives for this heatsink?