Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AS40-R82K-RC

  • AI
    ## Technical Overview of AS40-R82K-RC The **AS40-R82K-RC** is a specific type of passive electronic component, primarily classified as a **fixed inductor**. It is designed for high-reliability applications, often utilized in power management and signal filtering circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **AS40** | Series Series | 4.0mm Diameter (Axial) | | **R82** | Inductance Value | 0.82 µH | | **K** | Tolerance | ±10% | | **RC** | Compliance | RoHS Compliant | --- ### 2. Key Specifications These parameters define the electrical behavior and physical limitations of the component: * **Inductance:** 0.82 Microhenries (µH). * **Tolerance:** ±10% (Indicated by the 'K'). * **Form Factor:** Axial Leaded (Cylindrical shape with leads extending from both ends). * **Material:** Typically features a ferrite core to concentrate the magnetic field. * **Coating:** Usually encapsulated in epoxy resin or a conformal coating for environmental protection and insulation. --- ### 3. Functional Role in Circuits The AS40-R82K-RC performs several critical functions depending on the circuit design: 1. **Energy Storage:** Stores energy in a magnetic field when current flows through it, commonly used in DC-DC converters. 2. **Filtering:** Blocks high-frequency AC (noise) while allowing DC to pass through. It is often part of a Low-Pass Filter (LPF). 3. **Impedance Matching:** Used in RF (Radio Frequency) circuits to match the impedance between different stages to ensure maximum power transfer. 4. **Choking:** Acts as a "choke" to suppress electromagnetic interference (EMI). --- ### 4. Typical Applications * **Power Supplies:** Smoothing output current in switching power supplies. * **Telecommunications:** Signal processing and noise reduction in communication lines. * **Consumer Electronics:** Found in motherboards, TVs, and audio equipment. * **Automotive:** Used in control modules where stable inductance is required despite temperature fluctuations. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the AS40-R82K-RC?
    • ⤷ How does the axial leaded design compare to SMD inductors in terms of performance?
    • ⤷ What are the typical storage temperature ranges for this specific inductor series?