AS1353_04
AI

The **AS1353-04** is a high-performance, low-dropout (LDO) voltage regulator part of the AS1353 series manufactured by **ams OSRAM**. It is designed specifically for battery-powered applications where low noise and low quiescent current are critical.
---
### 1. Key Technical Specifications
The "04" suffix typically refers to a specific output voltage variant or a specific packaging/revision detail (often associated with 3.3V or 4.0V depending on the specific datasheet revision).
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Output Voltage (Typical)** | 3.3V / 4.0V (Fixed) |
| **Maximum Output Current** | 150mA |
| **Dropout Voltage** | ~40mV @ 100mA |
| **Quiescent Current** | 40µA (Typical) |
| **Shutdown Current** | < 1µA |
| **Package Type** | SOT-23 (5-pin) |
---
### 2. Functional Components
The internal electronic architecture of the AS1353 consists of several critical stages:
1. **Internal Reference Voltage:** A high-precision bandgap reference that provides a stable voltage regardless of temperature fluctuations.
2. **Error Amplifier:** Compares the output voltage (via a feedback loop) to the internal reference to maintain a constant output.
3. **P-Channel Pass Transistor:** Unlike NPN-based regulators, the AS1353 uses a P-channel MOSFET, which allows for a very low dropout voltage.
4. **Protection Circuitry:**
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds ~140°C.
* **Current Limiting:** Protects the device during short-circuit conditions.
---
### 3. Pin Configuration (SOT-23-5)
The device is standardly mapped to a 5-pin configuration to save PCB real estate.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **IN** | Input supply voltage |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable input (Active High) |
| 4 | **BP** | Bypass capacitor (Optional for low-noise) |
| 5 | **OUT** | Regulated output voltage |
---
### 4. Application Use Cases
Due to its high Ripple Rejection (PSRR) and low noise, the AS1353-04 is commonly found in:
* **Mobile Handsets:** Powering RF stages or analog-to-digital converters.
* **Medical Equipment:** Portable monitors requiring stable, low-noise power rails.
* **IoT Sensors:** Devices that spend most of their time in sleep mode (benefiting from <1µA shutdown current).
- ⤷
What is the significance of the Bypass (BP) pin in this LDO?
- ⤷ How does the dropout voltage affect battery life in portable devices?
- ⤷ Can the AS1353 handle input voltages higher than 5.5V?