Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AS06608PS-R

  • AI
    ## AS06608PS-R Electronic Component Overview The **AS06608PS-R** is a high-quality, miniature loudspeaker manufactured by **PUI Audio**. It is specifically designed for applications requiring a slim profile and reliable sound output, such as portable electronics, medical devices, and IoT hardware. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the AS06608PS-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | PUI Audio | | **Impedance** | 8 Ohms | | **Power Rating (Rated/Max)** | 0.5W / 0.8W | | **Sound Pressure Level (SPL)** | 84 ± 3 dB @ 0.5W / 0.1M | | **Resonant Frequency (Fs)** | 550 Hz ± 20% | | **Frequency Range** | 550 Hz ~ 20,000 Hz | | **Magnet Material** | NdFeB (Neodymium) | | **Weight** | 10.3 Grams | --- ### 2. Component Materials & Construction The internal construction of this speaker utilizes high-grade materials to ensure longevity and audio clarity: * **Magnet:** Uses **Neodymium (NdFeB)**, which provides high magnetic flux in a small footprint, allowing for high sensitivity despite the small size. * **Diaphragm:** Typically constructed from **Mylar (PET)** or a similar polymer, offering moisture resistance and durability. * **Frame:** Built with a rigid metal housing to prevent mechanical distortion during high-volume playback. * **Termination:** Features solder pads for secure wire attachment to a PCB or cable assembly. --- ### 3. Dimensional Data Understanding the physical footprint is critical for PCB and enclosure design: * **Shape:** Square * **Dimensions:** 66mm x 66mm (outer frame) * **Depth:** Very slim profile (Approx. 18.5mm), making it ideal for "thin-client" or flat devices. --- ### 4. Implementation Considerations When integrating the AS06608PS-R into a circuit, keep the following in mind: 1. **Amplifier Matching:** Ensure your audio amplifier can handle an 8 Ohm load and does not exceed the 0.8W peak power to avoid voice coil burnout. 2. **Enclosure Design:** Since this is a "raw" speaker, the acoustic performance (especially bass response) will depend heavily on the back-cavity volume and sealing of the enclosure. 3. **Polarity:** Observe the "+" and "-" markings on the solder pads to ensure correct phase alignment, especially if using multiple speakers. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended enclosure dimensions for optimal bass response with this speaker?
    • ⤷ Are there waterproof versions (IP rated) of the AS06608PS-R?
    • ⤷ What is the recommended solder temperature and duration for the connection pads?