AS06608PS-2-R
AI

The **AS06608PS-2-R** is a high-quality, miniature dynamic speaker manufactured by **PUI Audio**. It is designed for compact electronic devices requiring clear voice and signal reproduction.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Permanent Magnet |
| **Impedance** | 8 Ohms (± 15%) |
| **Power Rating (Rated/Max)** | 0.8W / 1.0W |
| **Frequency Range** | 300 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.1W / 0.1m |
| **Resonant Frequency (Fo)** | 450 Hz (± 20%) |
| **Magnet Material** | NdFeB (Neodymium) |
| **Weight** | ~24.5 grams |
---
### 2. Physical Dimensions and Build
* **Form Factor:** Rectangular design, typically measuring approximately **66mm x 20mm**.
* **Depth:** It features a slim profile (approx. 7.5mm to 8.5mm), making it suitable for thin enclosures.
* **Cone Material:** Usually constructed with a paper or treated cloth cone with a rubber/foam surround for durability and better bass response.
* **Mounting:** It often features integrated mounting holes or a flange for easy installation into a chassis.
---
### 3. Key Electronic Components
The device operates based on standard electromagnetic principles:
1. **Voice Coil:** A precision-wound copper wire coil that reacts to the audio signal.
2. **Neodymium Magnet:** Provides a strong magnetic field in a small footprint, increasing efficiency and reducing weight compared to ferrite magnets.
3. **Terminals:** Usually features solder pads or lead wires for electrical connection.
---
### 4. Typical Applications
Due to its wide frequency response and slim profile, the AS06608PS-2-R is commonly found in:
* **Flat-panel displays** and monitors.
* **Kiosks** and Point-of-Sale (POS) terminals.
* **Medical instrumentation** (for audible alarms and voice prompts).
* **Security systems** and intercoms.
---
### 5. Implementation Example
To drive this speaker using a microcontroller (like an Arduino or ESP32), you would typically use a Class-D audio amplifier to match the 8-ohm impedance.
```cpp
// Basic Square Wave Tone Example for AS06608PS-2-R
const int speakerPin = 9; // Connected to an amplifier input
void setup() {
pinMode(speakerPin, OUTPUT);
}
void loop() {
tone(speakerPin, 440); // Play A4 note (440Hz)
delay(1000);
noTone(speakerPin);
delay(1000);
}
```
- ⤷
What is the maximum voltage that can be safely applied to this 0.8W 8-ohm speaker?
- ⤷ Does this speaker require a specific enclosure back-box to achieve the rated 84dB SPL?
- ⤷ How does the Neodymium magnet in this model compare to Ferrite alternatives in terms of performance?