AI

The **AS06606SR-R** is a high-performance, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for applications requiring high-fidelity sound in a compact form factor.
---
## 1. Technical Specifications
The following table highlights the core electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic, Moving Coil |
| **Impedance** | 6 Ohms (±15%) |
| **Rated Power** | 0.8 Watts |
| **Maximum Power** | 1.0 Watts |
| **Frequency Range** | 300 Hz ~ 20,000 Hz |
| **Sound Pressure Level (SPL)** | 85 dB @ 0.8W, 0.1M |
| **Dimensions** | 66mm x 66mm x 22.5mm |
| **Magnet Material** | Ferrite |
| **Weight** | ~40.5 grams |
---
## 2. Key Design Features
* **Square Frame:** The "AS066" series refers to the 66mm square frame, which includes pre-drilled mounting holes in each corner for easy installation into enclosures.
* **Paper Cone & Cloth Surround:** It utilizes a paper cone treated for durability, often paired with a cloth surround to allow for smooth excursion and warm sound reproduction.
* **6-Ohm Impedance:** This is a slightly non-standard impedance (between the common 4Ω and 8Ω), which provides a specific load balance for specialized audio amplifiers.
* **Full Range Response:** With a range reaching up to 20kHz, it acts as a full-range driver capable of handling both voice and music.
---
## 3. Typical Applications
The AS06606SR-R is commonly integrated into the following systems:
1. **Industrial Controls:** For audible alarms, voice prompts, and status alerts.
2. **Kiosks and Point-of-Sale (POS):** Providing audio feedback for customer interactions.
3. **Medical Devices:** Used in monitoring equipment where clear vocal instructions are necessary.
4. **Security Systems:** Integrated into intercoms or siren modules.
---
## 4. Connection Guide
The speaker typically features solder pads or lead wires for connectivity.
```markdown
Positive (+) Terminal: Marked with a red dot or "+" sign.
Negative (-) Terminal: Usually unmarked or marked with a "-".
```
*Note: Ensure the polarity is consistent across multiple speakers to prevent phase cancellation, which results in weak bass performance.*
- ⤷
What are the mounting requirements for the AS06606SR-R?
- ⤷ How does a 6-ohm impedance affect amplifier selection compared to 8-ohm?
- ⤷ Are there waterproof versions of this PUI Audio speaker?