AOW301-R
AI

The **AOW301-R** is an **Active Optical Cable (AOC)** designed primarily for high-speed data transmission over long distances, commonly used in professional audio-visual (AV) setups, specifically for **HDMI 2.0** signals.
---
## 1. Core Component Breakdown
Unlike standard copper cables, the AOW301-R is a hybrid electronic device. It converts electrical signals into light (photons) and back again.
| Component | Description | Function |
| :--- | :--- | :--- |
| **VCSEL Laser** | Vertical-Cavity Surface-Emitting Laser | Converts electrical data into infrared light signals. |
| **Photodiode** | Optical Receiver | Located at the "Display" end to convert light back into electricity. |
| **Chipset (COB)** | Chip-on-Board processing | Manages signal equalization and protocol handshake (EDID/HDCP). |
| **Optical Fiber** | OM3 Multimode Fiber | The medium for high-speed data (TMDS channels). |
| **Copper Wires** | Insulated Copper | Handles low-speed signals (CEC, HEAC) and power delivery. |
---
## 2. Electrical Specifications
The AOW301-R is engineered to maintain signal integrity without the need for external power supplies, drawing current directly from the source device.
### Key Performance Metrics
* **Bandwidth:** 18Gbps (Supports 4K @ 60Hz 4:4:4).
* **Power Consumption:** Typically $\le 250$mW.
* **EMI/RFI Resistance:** Extremely high. Because the high-speed data travels via light, it is immune to electromagnetic interference.
* **Signal Directionality:** **Directional**. The cable has a specific "Source" (Input) and "Display" (Output) end due to the internal unidirectional laser/sensor configuration.
---
## 3. The Hybrid Architecture
The electronic architecture follows a hybrid design to balance speed and compatibility:
1. **High-Speed Channels (TMDS):** These are converted by the internal circuitry into optical signals to prevent attenuation (signal loss) over long distances (up to 100 meters).
2. **Low-Speed Channels (DDC/CEC):** These remain on copper wiring. This allows the "Handshake" between the TV and the Computer to happen natively without complex conversion.
---
## 4. Typical Applications
* **Medical Imaging:** High-resolution displays in operating rooms.
* **Digital Signage:** Large-scale displays in airports or malls.
* **Home Theater:** Long-run connections where copper cables would fail or require bulky boosters.
---
- ⤷
Does the AOW301-R require an external power supply to function?
- ⤷ What is the maximum distance supported by this specific AOC model?
- ⤷ Can this cable be used bi-directionally?