AM2D-2409D-RZ
AI

### Overview of the AM2D-2409D-RZ
The **AM2D-2409D-RZ** is a high-performance, 2-Watt DC-DC converter manufactured by Aimtec. It is designed to provide regulated power with electrical isolation, commonly used in industrial and telecommunications applications.
---
### Key Technical Specifications
Below are the primary electronic characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) |
| **Output Voltage** | Dual ±9V DC |
| **Output Current** | ±111 mA (Max) |
| **Isolation Voltage** | 1000 VDC |
| **Efficiency** | ~78% to 82% |
| **Package Style** | SIP7 (Single In-line Package) |
| **Operating Temp** | -40°C to +85°C |
---
### Internal Electronic Components & Design
The AM2D-2409D-RZ is a self-contained module, but internally it consists of several critical electronic stages:
1. **Input Filter Stage**:
* Contains internal capacitors to suppress high-frequency noise and Ripple/Noise from the power source.
2. **Switching Circuit (Oscillator)**:
* Uses a high-frequency switching transistor to convert the 24V DC input into a high-frequency AC signal.
3. **Isolation Transformer**:
* The core of the "RZ" series. It transfers energy from the primary to the secondary side via a magnetic field, ensuring that the input and output grounds are electrically separated.
4. **Rectification & Smoothing**:
* High-speed Schottky diodes convert the AC back to DC.
* Output capacitors smooth the signal to achieve the final ±9V stable output.
---
### Pin Configuration (SIP7)
The device uses a standard 7-pin layout. The pinout is essential for PCB design:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +V Input | Positive Supply Input (24V) |
| 2 | -V Input | Negative Supply Input (Ground/Return) |
| 4 | -V Output | Negative 9V Output |
| 5 | Common | Common Ground for Dual Output |
| 6 | +V Output | Positive 9V Output |
| 7 | NC / No Pin | Typically no connection |
---
### Application Considerations
* **Dual Output**: Since it provides ±9V, it is ideal for powering Operational Amplifiers (Op-Amps) and sensitive analog circuitry that requires a bipolar power supply.
* **Protection**: The unit typically includes continuous short-circuit protection with auto-recovery, protecting the rest of your electronic components from faults.
* **Decoupling**: It is recommended to place a 2.2µF to 10µF electrolytic capacitor on the input and output to further reduce ripple.
- ⤷
What are the specific noise reduction techniques recommended for this DC-DC converter?
- ⤷ Can this module be used in medical equipment requiring higher isolation?
- ⤷ What is the physical dimension and footprint for PCB layout?