Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AISC-Q0657-R26

  • AI
    Based on the technical designation provided, **AISC-Q0657-R26** refers to a high-performance, automotive-grade induction coil (specifically a **Power Inductor**) manufactured by **Abracon**. These components are engineered for power management circuits where reliability under harsh conditions is paramount. --- ### 1. Key Technical Specifications The "R26" in the part number typically denotes the inductance value. In this series, it represents **0.26 µH**. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Inductance** | 0.26 µH | | **Tolerance** | ±20% (Standard) | | **Operating Temperature** | -55°C to +155°C | | **AEC-Q200 Qualified** | Yes (Automotive Grade) | | **Construction** | Metal Alloy Powder (Molded) | --- ### 2. Physical and Material Features The AISC-Q series utilizes a **molded construction** method which offers several electronic advantages: * **Magnetic Shielding:** The metal alloy powder encapsulates the coil, significantly reducing Electromagnetic Interference (EMI) which could disrupt neighboring sensitive components. * **High Saturation Current:** Because of the metal powder core, the inductor handles high current spikes without the inductance "dropping off" abruptly (soft saturation). * **Low DCR:** It features low DC Resistance (DCR), which minimizes power loss and heat generation during operation. --- ### 3. Applications Given its **AEC-Q200** certification and high-temperature rating, this part is used in: 1. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), infotainment power supplies, and LED lighting drivers. 2. **DC/DC Converters:** High-frequency switching regulators where space is limited but power density must be high. 3. **Industrial Electronics:** Robust power supplies for sensors and motor controllers. --- ### 4. Part Number Breakdown While manufacturer schemes vary slightly, the code generally follows this logic: | Segment | Meaning | | :--- | :--- | | **AISC** | Abracon Inductor Series Code | | **Q** | Automotive Grade (AEC-Q200) | | **0657** | Dimensions (approx. 6.6 x 7.3 x 5.7 mm) | | **R26** | Inductance Value (R = Decimal Point; 0.26 µH) | ---
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) ratings for the 0.26 µH variant?
    • ⤷ How does the molded construction compare to traditional wire-wound ferrite inductors?
    • ⤷ Are there specific soldering profiles required for AEC-Q200 components like this?