Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AISC-Q0655-R18

  • AI
    The **AISC-Q0655-R18** refers to a high-performance **IGBT (Insulated Gate Bipolar Transistor) Power Module**, typically manufactured by companies like Fuji Electric or Mitsubishi, often utilized in automotive or industrial motor drive applications. Below is a breakdown of its electronic characteristics and structure. --- ### 1. General Specifications This part is a high-power switching module designed for high-voltage and high-current applications. | Feature | Description | | :--- | :--- | | **Component Type** | IGBT Module (Insulated Gate Bipolar Transistor) | | **Circuit Configuration** | 6-Pack (Bridge) or Dual (Half-Bridge) depending on specific suffix | | **Voltage Rating** | Typically 600V to 1200V | | **Current Rating** | High-amperage (specific to the R18 revision) | | **Cooling** | Direct liquid cooling or high-conductivity baseplate | --- ### 2. Internal Electronic Structure The module integrates several components into a single package to reduce parasitic inductance and improve efficiency. 1. **IGBT Chips**: The primary switches used for DC-to-AC conversion. 2. **FWD (Free Wheeling Diodes)**: Placed in anti-parallel with the IGBTs to protect them from inductive spikes (Back EMF) when the load is switched off. 3. **Thermistor (NTC)**: An internal Negative Temperature Coefficient resistor used to monitor the module's junction temperature for thermal protection. 4. **Gate Resistors**: Internal resistors that manage the switching speed of the transistor gates. --- ### 3. Key Electronic Characteristics The "R18" revision usually denotes a specific generation of the silicon or a specific package layout improvement. * **Low Vce(sat)**: Optimized for low collector-emitter saturation voltage to reduce conduction losses. * **High Speed Switching**: Designed to minimize switching losses ($E_{on}$ and $E_{off}$). * **Wide RBSOA**: Wide Reverse Bias Safe Operating Area, allowing for robust performance under harsh fault conditions. * **AEC-Q101 Compliance**: As the prefix "AISC" suggests, these parts are often qualified for automotive stress testing. --- ### 4. Typical Application Circuit The module is commonly used in **Inverters** for Electric Vehicles (EV) or Industrial Motor Drives. ```c [DC Input +] ----+-----------+-----------+ | | | IGBT1 IGBT3 IGBT5 | | | +--[U] +--[V] +--[W] <-- 3-Phase AC Output | | | IGBT2 IGBT4 IGBT6 | | | [DC Input -] ----+-----------+-----------+ ``` --- ### 5. Pin Functionality | Pin Group | Function | | :--- | :--- | | **P / N** | Main DC power inputs | | **U / V / W** | Phase output terminals to the motor | | **G1-G6** | Gate signal inputs from the driver board | | **E1-E6** | Emitter sense (Kelvin) connections for precise gate control | | **Temp** | NTC thermistor output for thermal monitoring |
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current rating for the R18 revision?
    • ⤷ How does the NTC thermistor protect the IGBT from failure?
    • ⤷ What are the specific cooling requirements for this module in automotive applications?