AI

Based on your inquiry, it appears you are referring to the **AISC-Q0650-R12**, which is a high-performance **Molded Power Inductor**. These components are critical in modern power management circuits.
Below is a detailed breakdown of its specifications, construction, and applications.
---
## 1. Technical Specifications
The part number follows a standard naming convention where "0650" refers to the physical size and "R12" refers to the inductance value.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.12 µH (Microhenries) |
| **Case Size** | 0650 (Approx. 6.6 x 7.3 x 5.0 mm) |
| **Material** | Metal Alloy / Carbonyl Powder |
| **Shielding** | Magnetically Shielded (Molded) |
| **Operating Temperature** | -55°C to +125°C (typically) |
| **Tolerance** | Usually ±20% (M) |
---
## 2. Key Features
The **AISC** series (Automotive/Industrial Standard Inductors) is designed for environments requiring high reliability.
### A. Molded Construction
Unlike traditional wire-wound inductors with a visible drum core, this part is "molded." The coil is placed inside a mold and pressed with metallic magnetic powder. This results in:
* **Low Acoustic Noise:** Reduced "coil whine."
* **High Shielding:** Low EMI (Electromagnetic Interference) leakage.
* **Robustness:** Excellent resistance to mechanical shock and vibration.
### B. High Current Handling
Because it uses a metal alloy powder rather than ferrite, it features **Soft Saturation**. This means that as current increases, the inductance drops gradually rather than crashing abruptly, preventing circuit failure during current spikes.
### C. Low DCR (DC Resistance)
The internal flat-wire or thick copper construction ensures very low resistance, which minimizes power loss and heat generation.
---
## 3. Typical Applications
This specific inductor (0.12µH) is a low-inductance, high-frequency component typically used in:
1. **DC-DC Converters:** Voltage regulator modules (VRM) for CPUs and GPUs.
2. **Automotive Electronics:** Infotainment systems and ADAS sensors.
3. **High-Speed Computing:** Servers and networking hardware.
4. **Battery Powered Devices:** Where high efficiency and small footprint are required.
---
## 4. Part Number Breakdown
* **AISC:** Series Name (Standard Molded Inductor).
* **Q:** Often denotes Qualification (e.g., AEC-Q200 for automotive).
* **0650:** Dimensions (6.6mm x 7.3mm base, 5.0mm height).
* **R12:** Inductance value (R denotes decimal point; 0.12 µH).
- ⤷
What is the maximum saturation current for the 0.12µH 0650 inductor?
- ⤷ How does the 'Soft Saturation' of this metal alloy compare to traditional ferrite cores?
- ⤷ What are the recommended soldering profiles for molded power inductors?