Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AISC-Q0603HQ-R15

  • AI
    ## Overview of AISC-Q0603HQ-R15 The **AISC-Q0603HQ-R15** is a high-performance **Surface Mount (SMD) Wire-Wound Ceramic Chip Inductor**. It is specifically engineered for high-frequency applications where precision and reliability are critical. The "Q" in the prefix signifies that it is **AEC-Q200 qualified**, making it suitable for automotive environments. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 150 nH (denoted by R15) | | **Tolerance** | ±5% (Standard) | | **Case Size** | 0603 (Inch) / 1608 (Metric) | | **Quality Factor (Q)** | High Q (typically > 30 at 100MHz) | | **Self-Resonant Frequency (SRF)** | ~ 1100 MHz | | **DC Resistance (DCR)** | Max 0.85 Ω | | **Rated Current** | ~ 280 mA | | **Core Material** | Ceramic | | **Operating Temperature** | -40°C to +125°C | --- ### Key Construction Features 1. **Wire-Wound Technology:** Unlike multilayer inductors, the wire-wound construction allows for much lower DC resistance and higher current handling capabilities. 2. **Ceramic Body:** The ceramic core provides excellent thermal stability and maintains a very high Self-Resonant Frequency (SRF), ensuring the part behaves as an inductor even at gigahertz levels. 3. **AEC-Q200 Compliance:** This indicates the part has undergone rigorous stress testing (vibration, thermal shock, moisture resistance) to ensure it can survive the harsh conditions of automotive engine compartments or cabins. --- ### Common Applications * **RF Communications:** Used in impedance matching circuits for Bluetooth, Wi-Fi, and cellular modules. * **Automotive Electronics:** Ideal for ADAS (Advanced Driver Assistance Systems), infotainment, and TPMS (Tire Pressure Monitoring Systems). * **High-Frequency Filtering:** Utilized in low-pass and band-pass filters to eliminate high-frequency noise. * **Oscillators:** Provides stable inductance for VCO (Voltage Controlled Oscillator) circuits. --- ### Part Number Breakdown * **AISC:** Series Name (Abracon Inductor Surface Ceramic). * **Q:** Automotive Grade (AEC-Q200). * **0603:** Physical Size (0.06 x 0.03 inches). * **HQ:** High Q Factor series. * **R15:** Inductance Value (R denotes decimal point; R15 = 0.15µH or 150nH).
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of a wire-wound inductor over a multilayer inductor in RF circuits?
    • ⤷ How does the 'High Q' factor affect the performance of a wireless transmitter?
    • ⤷ What is the specific soldering footprint recommendation for an 0603 package?