Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AIAS-03-R18K

  • AI
    The **AIAS-03-R18K** is a specific surface-mount technology (SMT) component, primarily identified as a **Fixed Inductor** (or power choke) manufactured by Abracon. --- ## 1. Technical Specifications Below is a breakdown of the electronic parameters for this specific part number: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 18 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K" suffix) | | **Package / Case** | 0603 (Inch) / 1608 (Metric) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite | | **Shielding** | Unshielded | | **DC Resistance (DCR)** | ~0.70 Ohms (Typical) | | **Rated Current** | ~170 mA (Milliamps) | --- ## 2. Component Structure and Function The AIAS-03 series is designed to manage electrical energy within a circuit. Its primary electronic roles include: ### A. Energy Storage It stores energy in a magnetic field when electric current flows through it. This is crucial for regulating voltage in power supply circuits. ### B. Signal Filtering (Low Pass) In electronic circuits, this part acts as a filter. It allows Direct Current (DC) to pass while providing high impedance to High-Frequency (HF) noise, effectively cleaning the signal. ### C. Impedance Matching It can be used to match the impedance between different stages of an RF (Radio Frequency) or analog circuit to ensure maximum power transfer and minimal signal reflection. --- ## 3. Typical Applications Because of its small **0603 footprint** and **18 µH inductance**, it is commonly found in: * **Mobile Devices:** Smartphones and tablets for power management. * **DC-DC Converters:** Small-scale voltage regulation. * **Filtering:** Decoupling noise in signal lines. * **Portable Electronics:** Where PCB space is at a premium. --- ## 4. Part Number Breakdown Understanding the nomenclature helps in identifying similar parts: * **AIAS:** Series identifier (Abracon Inductor Series). * **03:** Size code (refers to the 0603 package size). * **R18:** Inductance value (18 microhenries). * **K:** Tolerance code (±10%).
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to the AIAS-03-R18K if a shielded version is required?
    • ⤷ How does the DCR of this inductor affect its thermal performance in a circuit?
    • ⤷ Can this component be used in high-frequency RF applications above 100MHz?