Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AIAS-02-R33K

  • AI
    ## Overview of AIAS-02-R33K The **AIAS-02-R33K** is a specific electronic component belonging to the family of **Surface Mount Power Inductors**. It is manufactured by Abracon and is designed for high-density surface mount applications where space-saving and efficiency are critical. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the AIAS-02-R33K: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **DC Resistance (DCR)** | ~0.024 Ohms (Typical) | | **Rated Current (Max)** | ~2.5 Amps | | **Case Code** | 02 (Indicates physical size/series) | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temp** | -40°C to +85°C (Standard range) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify the part's capabilities: * **AIAS**: Series identifier for Abracon's Power Inductors. * **02**: Physical size code (referencing specific dimensions, typically a miniature footprint). * **R33**: The Inductance value. The "R" acts as a decimal point, resulting in **0.33**. * **K**: The tolerance code. In electronics, **K** represents **±10%**. --- ### 3. Electronic Function & Construction The AIAS-02-R33K serves several critical functions in a circuit: 1. **Energy Storage**: As a power inductor, it stores energy in a magnetic field when current flows through it. 2. **Filtering**: It is commonly used in DC-DC converters to smooth out voltage ripples and filter high-frequency noise. 3. **Construction**: It typically features a wire-wound core (often ferrite or ceramic depending on the specific sub-series) which provides a high Q-factor and stable inductance under load. --- ### 4. Common Applications Due to its small form factor and high current handling, it is frequently found in: * **Mobile Devices**: Smartphones and tablets. * **Power Supplies**: Small-scale DC-DC converters and switching regulators. * **Communication Equipment**: Portable transceivers and network modules. * **Embedded Systems**: Providing clean power to microcontrollers (MCUs). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical footprint (dimensions) of the AIAS-02 series?
    • ⤷ How does the 'K' tolerance affect performance in high-frequency switching circuits?
    • ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 certification?