Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADRF6807ACPZ-R7

  • AI
    ## Technical Overview: ADRF6807ACPZ-R7 The **ADRF6807ACPZ-R7** is a high-performance, integrated Quadrature Demodulator and Frequency Synthesizer manufactured by **Analog Devices**. It is designed to bridge the gap between Radio Frequency (RF) signals and Intermediate Frequency (IF) or Baseband signals. --- ### 1. Key Internal Components The device is a "System on Chip" (SoC) for RF down-conversion, containing several critical sub-systems: | Component | Function | | :--- | :--- | | **Quadrature Demodulator** | Splits the incoming RF signal into In-phase (I) and Quadrature (Q) components. | | **Integrated PLL** | A Phase-Locked Loop that manages frequency stability. | | **VCO (Voltage Controlled Oscillator)** | Generates the local oscillator (LO) signal internally, covering a wide range. | | **Fractional-N Synthesizer** | Allows for very fine frequency tuning resolution. | | **LDO Regulators** | Internal low-dropout regulators to ensure clean power for sensitive analog blocks. | --- ### 2. Technical Specifications Below are the primary electrical characteristics for the ADRF6807: * **RF Input Frequency Range:** 700 MHz to 1050 MHz. * **Demodulation Bandwidth:** Up to 270 MHz (3 dB bandwidth). * **Power Supply:** 3.3 V typical. * **LO Leakage:** Very low, minimizing interference with the antenna. * **Interface:** 3-wire serial interface (SPI) for programmable registers. * **Package:** 40-lead LFCSP (Lead Frame Chip Scale Package), measuring 6mm x 6mm. --- ### 3. Pin Functionality & Architecture The chip uses a differential architecture to maximize noise immunity. ```mermaid graph LR RF_IN[RF Input] --> Demod[Quadrature Demodulator] PLL[PLL/VCO] --> Demod Demod --> I_Out[I Output] Demod --> Q_Out[Q Output] SPI[Serial Interface] --> PLL ``` --- ### 4. Typical Applications Due to its high integration and wide dynamic range, this part is commonly found in: 1. **Cellular Base Stations:** Specifically for LTE and W-CDMA receivers. 2. **Point-to-Point Radios:** High-speed wireless backhaul. 3. **Radio Test Equipment:** Signal analyzers and RF sniffers. ### 5. Part Number Breakdown: ADRF6807ACPZ-R7 * **ADRF:** Analog Devices RF Product line. * **6807:** Specific model number. * **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free). * **R7:** Denotes the packaging format (7-inch Reel, usually containing 750 units). ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using a Fractional-N synthesizer over an Integer-N synthesizer in this chip?
    • ⤷ How does the ADRF6807 handle DC offset in the I/Q outputs?
    • ⤷ What is the typical power consumption of this device during full operation?