ADR280ART-R2
AI

The **ADR280ART-R2** is an ultra-low-power, high-precision voltage reference manufactured by Analog Devices. It is specifically designed for high-density, battery-powered applications where power consumption and space are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{out}$)** | 1.2 V |
| **Initial Accuracy** | ±5 mV (0.41%) |
| **Temperature Coefficient** | 40 ppm/°C |
| **Supply Voltage Range** | 2.4 V to 15 V |
| **Quiescent Current** | 10 $\mu$A (Max) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-23-3 (RT-3) |
---
### 2. Functional Characteristics
The ADR280 belongs to a class of **Bandgap Voltage References**. It functions by generating a stable 1.2V output regardless of fluctuations in the input supply voltage or ambient temperature.
* **Ultra-Low Current Consumption:** With a maximum current draw of only 10 $\mu$A, it is ideal for devices that remain in "always-on" or standby modes.
* **No External Capacitor Required:** Unlike many other references, the ADR280 is stable without an output capacitor, saving PCB real estate. However, a 0.1 $\mu$F capacitor can be added to improve noise rejection if necessary.
* **Wide Input Range:** It can handle up to 15V inputs, allowing it to be used in systems with varying power rails (e.g., 9V batteries or 12V industrial supplies).
---
### 3. Pin Configuration (SOT-23)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **$V_{in}$** | Input Voltage Supply |
| 2 | **$V_{out}$** | Reference Output Voltage (1.2V) |
| 3 | **GND** | Ground |
---
### 4. Typical Applications
* **Precision Data Acquisition:** Providing the reference voltage for low-power ADCs (Analog-to-Digital Converters).
* **Battery Monitoring:** Used in handheld instruments to provide a stable baseline for measuring battery health.
* **Energy Harvesting:** Because of the <10 $\mu$A current draw, it is perfect for systems powered by solar cells or piezo-elements.
* **Smart Sensors:** Integrated into IoT sensor nodes for environmental monitoring.
---
### 5. Ordering Information Decoded
The suffix **ART-R2** provides specific logistics information:
* **ART**: Refers to the SOT-23 package style.
* **R2**: Indicates the tape and reel size (typically a 7-inch reel containing 250 units).
- ⤷
How does the ADR280 compare to the ADR291 in terms of power consumption?
- ⤷ Is there a recommended decoupling circuit for high-noise environments?
- ⤷ What is the typical long-term stability (drift) for this component?