Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADR03WARZ-R7

  • AI
    ## Technical Overview: ADR03WARZ-R7 The **ADR03WARZ-R7** is a high-precision, low-drift, bandgap voltage reference produced by **Analog Devices (ADI)**. It belongs to the ADR03 series, known for its small footprint, high stability, and low noise performance. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.5 V | | **Input Voltage Range** | 4.5 V to 36 V | | **Initial Accuracy** | ±5 mV (0.2%) | | **Temperature Coefficient** | 10 ppm/°C (Max) | | **Output Current** | 10 mA (Source) / 1 mA (Sink) | | **Quiescent Current** | 650 µA (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | SOIC-8 (Narrow) | --- ### 2. Breakdown of the Part Number Understanding the suffix and prefix helps identify the specific variant: * **ADR03**: The device family (2.5V High Precision Reference). * **W**: Denotes **Automotive Grade**. This indicates the part is qualified for automotive applications (AEC-Q100). * **A**: Grade identifier (refers to initial accuracy and drift specs). * **RZ**: Indicates the package type (**R** = SOIC-8) and **RoHS** compliance (**Z**). * **R7**: Refers to the packaging format (**7-inch Tape and Reel**, typically 1,000 units). --- ### 3. Core Features & Benefits * **High Stability:** The 10 ppm/°C temperature coefficient ensures that the voltage stays extremely stable even as the equipment heats up. * **Wide Input Range:** It can handle up to 36V, making it versatile for industrial power rails. * **Low Noise:** It produces very little electrical noise (approx 6 µV p-p at 0.1 Hz to 10 Hz), which is critical for high-resolution Data Converters (ADCs/DACs). * **No External Capacitor Required:** While stable without them, adding an output capacitor can further improve transient response. --- ### 4. Typical Application Circuit In a standard configuration, the ADR03 acts as the "ruler" for an Analog-to-Digital Converter. ```c (Input Voltage 4.5V - 36V) | [ PIN 2: VIN ] | +--------------+ | ADR03 |-------[ PIN 6: VOUT ]---> 2.5V Reference +--------------+ | | | [ PIN 4: GND ] [ Optional 0.1uF Cap ] | | Ground Ground ``` --- ### 5. Common Use Cases 1. **Automotive Systems:** Battery monitoring, powertrain control, and ADAS. 2. **Precision Data Acquisition:** Providing the reference voltage for 12-bit to 16-bit ADCs. 3. **Instrumentation:** Multimeters and handheld measurement devices. 4. **Process Control:** Industrial 4-20mA loops and PLC analog inputs.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'A' and 'B' grades of the ADR03 series?
    • ⤷ How does the 'W' automotive qualification affect the testing process of this part?
    • ⤷ Can the ADR03WARZ-R7 be used as a shunt regulator
    • ⤷ or is it strictly a series reference?