Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP7112ACBZ-5.0-R7

  • AI
    The **ADP7112ACBZ-5.0-R7** is a high-performance, low dropout (LDO) linear regulator designed by Analog Devices. It is specifically engineered for noise-sensitive applications where maintaining a clean power supply is critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed 5.0 V | | **Input Voltage Range** | 3.3 V to 20 V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 200 mV (typical at 200 mA load) | | **PSRR** | 88 dB at 10 kHz; 50 dB at 1 MHz | | **Output Noise** | 11 µV rms (10 Hz to 100 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Functional Electronic Components The internal architecture of the ADP7112 consists of several critical sub-circuits that ensure stability and protection: * **Error Amplifier:** Compares the internal reference voltage against the output feedback to maintain a steady 5.0V. * **Internal Reference:** A low-noise bandgap reference that provides high accuracy over temperature variations. * **Pass Transistor:** A P-channel MOSFET that regulates the flow of current from input to output with minimal voltage loss (low dropout). * **Soft Start Circuit:** Limits the inrush current during startup to protect downstream components. * **Protection Circuits:** * *Thermal Shutdown:* Disables the device if the junction temperature exceeds safety limits. * *Current Limit:* Protects the regulator against short-circuit conditions. --- ### 3. Application Use Cases Due to its high Power Supply Rejection Ratio (PSRR) and low noise profile, this part is ideal for: 1. **ADC/DAC Powering:** Ensuring precision in data conversion. 2. **RF Applications:** Powering VCOs (Voltage Controlled Oscillators) and Mixers where phase noise is a concern. 3. **Medical Instrumentation:** Providing stable power for sensitive diagnostic sensors. 4. **Industrial Automation:** Handling high input voltage spikes (up to 20V) in 24V bus systems. --- ### 4. Typical Implementation Circuit ```mermaid graph LR Vin[Input Voltage] --> C1[1uF Ceramic Cap] C1 --> LDO[ADP7112] LDO --> C2[2.2uF Output Cap] C2 --> Vout[5.0V Clean Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the WLCSP package to ensure thermal stability?
    • ⤷ How does the PSRR of the ADP7112 compare to the ADP7104 series?
    • ⤷ Can this LDO be used with an input voltage higher than 20V?