Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP2108ACBZ-1.2-R7

  • AI
    ### Overview of ADP2108ACBZ-1.2-R7 The **ADP2108ACBZ-1.2-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC converter. It is manufactured by **Analog Devices** and is specifically designed for portable applications where space and power efficiency are critical. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Step-Down (Buck) Regulator | | **Output Voltage (Fixed)** | 1.2 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Continuous Output Current** | 600 mA | | **Switching Frequency** | 3 MHz | | **Efficiency** | Up to 95% | | **Package Type** | 5-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Features 1. **3 MHz Switching Frequency**: The high switching frequency allows for the use of very small multi-layer inductors and capacitors, reducing the total PCB footprint. 2. **Power Saving Mode (PSM)**: At light loads, the device automatically shifts from PWM (Pulse Width Modulation) mode to PFM (Pulse Frequency Modulation) mode to maintain high efficiency and conserve battery life. 3. **Internal Compensation**: The compensation circuitry is integrated internally, which simplifies the design process by requiring fewer external components. 4. **Soft Start**: Includes an internal soft-start function to prevent current inrush during startup, protecting the power source and the chip. 5. **Protection Mechanisms**: * **UVLO (Under Voltage Lockout)**: Prevents the device from operating at insufficient input voltages. * **Thermal Shutdown**: Protects the device from overheating. * **Short-Circuit Protection**: Guards against output faults. --- ### Typical Application Circuit To operate this IC, only a few external components are required: ```text Input (2.3V-5.5V) ----> [ Cin ] ----+---- [ VIN ] | [ EN ] (Enable Pin) | [ ADP2108 ] ---- [ L1 (Inductor) ] ----> Output (1.2V) | | [ GND ] [ Cout ] | [ GND ] ``` --- ### Common Use Cases * **Mobile Handsets**: Powering low-voltage processors or memory. * **Wearable Electronics**: Smartwatches and fitness trackers. * **Portable Media Players**: High-efficiency power management for audio/video chips. * **Wireless Modems**: Point-of-load regulation for communication modules.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for this chip?
    • ⤷ How does the WLCSP package affect thermal management compared to a QFN package?
    • ⤷ Can the enable pin be used for power sequencing in multi-rail systems?